Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S886T Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. S886T
Description  MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S886T Datasheet(HTML) 4 Page - Vishay Siliconix

  S886T Datasheet HTML 1Page - Vishay Siliconix S886T Datasheet HTML 2Page - Vishay Siliconix S886T Datasheet HTML 3Page - Vishay Siliconix S886T Datasheet HTML 4Page - Vishay Siliconix S886T Datasheet HTML 5Page - Vishay Siliconix S886T Datasheet HTML 6Page - Vishay Siliconix S886T Datasheet HTML 7Page - Vishay Siliconix S886T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S886T/S886TR
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
4 (8)
Document Number 85057
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
25
50
75
100
0
50
100
150
200
250
Tamb – Ambient Temperature ( °C )
150
95 10777
125
Figure 1. Total Power Dissipation vs.
Ambient Temperature
02
4
6
8
0
4
8
12
16
20
VDS – Drain Source Voltage ( V )
12
95 10778
10
VG2S=6V
2V
1V
3V
4V
5V
Figure 2. Drain Current vs. Drain Source Voltage
01
2
3
4
0
4
8
12
16
20
VG2S – Gate 2 Source Voltage ( V )
6
95 10779
5
VDS=12V
Figure 3. Drain Current vs. Gate 2 Source Voltage
0
10
20
30
40
95 10780
01
2
3
4
VG2S – Gate 2 Source Voltage ( V )
6
5
VDS=12V
f=200MHz
Figure 4. Forward Transadmittance vs.
Gate 2 Source Voltage
0
1
2
3
4
01
23
45
67
VG2S – Gate 2 Source Voltage ( V )
15968
VDS=12V
f=200MHz
Figure 5. Gate 1 Input Capacitance vs.
Gate 2 Source Voltage
6
8
10
12
0
0.5
1
1.5
2
VDS – Drain Source Voltage ( V )
14
95 11147
VG2S=6V
f=200MHz
Figure 6. Output Capacitance vs. Drain Source Voltage


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn