Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S886T Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. S886T
Description  MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S886T Datasheet(HTML) 2 Page - Vishay Siliconix

  S886T Datasheet HTML 1Page - Vishay Siliconix S886T Datasheet HTML 2Page - Vishay Siliconix S886T Datasheet HTML 3Page - Vishay Siliconix S886T Datasheet HTML 4Page - Vishay Siliconix S886T Datasheet HTML 5Page - Vishay Siliconix S886T Datasheet HTML 6Page - Vishay Siliconix S886T Datasheet HTML 7Page - Vishay Siliconix S886T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
S886T/S886TR
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (8)
Document Number 85057
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Gate 1 - source
breakdown voltage
±IG1S = 10 mA, VG2S = VDS = 0
±V(BR)G1SS
8
12
V
Gate 2 - source
breakdown voltage
±IG2S = 10 mA, VG1S = VDS = 0
±V(BR)G2SS
8
12
V
Gate 1 - source
+VG1S = 6 V, VG2S = VDS = 0
+IG1SS
60
mA
leakage current
–VG1S = 6 V, VG2S = VDS = 0
–IG1SS
120
mA
Gate 2 - source
leakage current
±VG2S = 6 V, VG1S = VDS = 0
±IG2SS
20
nA
Drain current
VDS = 12 V, VG1S = 0, VG2S = 6 V
IDSS
50
500
mA
Self-biased
operating current
VDS = 12 V, VG1S = nc, VG2S = 6 V
IDSP
8
12
16
mA
Gate 2 - source
cut-off voltage
VDS = 12 V, VG1S = nc, ID = 200 mA
VG2S(OFF)
1.0
V
Electrical AC Characteristics
VDS = 12 V, VG2S = 6 V, f = 1 MHz , Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Forward transadmittance
y21s
25
30
35
mS
Gate 1 input capacitance
Cissg1
2.3
2.7
pF
Feedback capacitance
Crss
20
fF
Output capacitance
Coss
0.9
pF
Power gain
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
Gps
27
dB
g
GS = 3,3 mS, GL = 1 mS, f = 800 MHz
Gps
17.5
22
dB
AGC range
VDS = 12 V, VG2S = 1 to 6 V, f = 800 MHz
DGps
45
dB
Noise figure
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
F
1
dB
g
GS = 3,3 mS, GL = 1 mS, f = 800 MHz
F
1.3
dB
Caution for Gate 1 switch-off mode:
No external DC-voltage on Gate 1 in active mode!
Switch-off at Gate 1 with VG1S < 0.7 V is feasible.
Using open collector switching transistor (inside of PLL), insert 10 k
W collector resistor.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn