Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1283 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1283
Description  3V Single Chip 10-Bit Data Acquisition System
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283 Datasheet(HTML) 5 Page - Linear Technology

  LTC1283_1 Datasheet HTML 1Page - Linear Technology LTC1283_1 Datasheet HTML 2Page - Linear Technology LTC1283_1 Datasheet HTML 3Page - Linear Technology LTC1283_1 Datasheet HTML 4Page - Linear Technology LTC1283_1 Datasheet HTML 5Page - Linear Technology LTC1283_1 Datasheet HTML 6Page - Linear Technology LTC1283_1 Datasheet HTML 7Page - Linear Technology LTC1283_1 Datasheet HTML 8Page - Linear Technology LTC1283_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1283
1283fb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Linearity Error
vs Reference Voltage
Change in Linearity Error
vs Temperature
Maximum Conversion Clock Rate
vs Temperature
Change in Gain Error
vs Temperature
Maximum Conversion Clock Rate
vs Source Resistance
Maximum Conversion Clock Rate
vs Reference Voltage
Change in Full-Scale Error
vs Reference Voltage
Change in Offset Error
vs Temperature
AMBIENT TEMPERATURE (˚C)
–50
1.75
25
LTC1283 • G09
1.0
0.5
–25
0
50
0.25
0
2.0
1.5
1.25
0.75
75
100
125
VCC = 3V
VREF = 2.5V
RSOURCE (kΩ)
1
0
250
500
750
1000
1500
10
100
LTC1283 • G11
1250
VCC = 3V
+ INPUT
– INPUT
RSOURCE
VIN
AMBIENT TEMPERATURE (˚C)
–50
1.75
25
LTC1283 • G09
1.0
0.5
–25
0
50
0.25
0
2.0
1.5
1.25
0.75
75
100
125
VCC = 3V
VREF = 2.5V
REFERENCE VOLTAGE (V)
0
0.6
0.8
1.0
2.0
LTC1283 • G05
0.4
0.2
0
0.5
1.0
1.5
2.5
0.5
0.7
0.9
0.3
0.1
VCC = 3V
ACLK = 500kHz
AMBIENT TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
LTC1283 • G06
0.1
0.4
0.3
–25
25
100
125
VCC = 3V
VREF = 2.5V
ACLK = 500kHz
AMBIENT TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
LTC1283 • G07
0.1
0.4
0.3
–25
25
100
125
VCC = 3V
VREF = 2.5V
ACLK = 500kHz
TEMPERATURE (°C)
–50
0
0.2
0.5
0
50
75
LTC1283 • G08
0.1
0.4
0.3
–25
25
100
125
VCC = 3V
VREF = 2.5V
ACLK = 500kHz
REFERENCE VOLTAGE (V)
0
0
250
500
750
1000
1250
1500
0.5
1.0
1.5
2.0
LTC1283 • G10
2.5
VCC = 3V
*Maximum ACLK frequency represents the ACLK frequency at which a 0.1LSB shift in the error at
any code transition from its 100kHz value is first detected.
**Maximum RFILTER represents the filter resistor value at which a 0.1LSB change in full-scale error
from its value at RFILTER = 0 is first detected.
Maximum Filter Resistor
vs Cycle Time
CYCLE TIME (
μs)
100
1k
10k
100k
10
1000
10000
LTC1283 • G12
10
100
+
VIN
RFILTER
CFILTER ≥ 1μF
VCC = 3V


Similar Part No. - LTC1283_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
More results

Similar Description - LTC1283_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1287 LINER-LTC1287_15 Datasheet
326Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1287 LINER-LTC1287_1 Datasheet
320Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1287 LINER-LTC1287 Datasheet
324Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1090CS LINER-LTC1090CS Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
LTC1090 LINER-LTC1090 Datasheet
344Kb / 28P
   Single Chip 10-Bit Data Acquisition System
LTC1090 LINER-LTC1090_15 Datasheet
353Kb / 28P
   Single Chip 10-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com