Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ45CA Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # SMCJ45CA
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMCJ45CA Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  SMCJ45CA Datasheet HTML 1Page - HY ELECTRONIC CORP. SMCJ45CA Datasheet HTML 2Page - HY ELECTRONIC CORP. SMCJ45CA Datasheet HTML 3Page - HY ELECTRONIC CORP. SMCJ45CA Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Working Peak
Reverse Voltage
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
Maximum
Reverse Surge
Current
Maximum
Reverse
Leakage at
VRWM
(UNI)
(BI)
VRWM (volts)
Min(V)
Max(V)
@ IT(mA)
VRSM (volts)
IRSM (Amps)
IR (µA)
SMCJ36
SMCJ36C
GFN
BFN
36.0
40.0
50.7
1.0
64.3
23.3
5.0
SMCJ36A
SMCJ36CA
GFP
BFP
36.0
40.0
46.0
1.0
58.1
25.8
5.0
SMCJ40
SMCJ40C
GFQ
BFQ
40.0
44.4
56.3
1.0
71.4
21.0
5.0
SMCJ40A
SMCJ40CA
GFR
BFR
40.0
44.4
51.1
1.0
64.5
23.3
5.0
SMCJ43
SMCJ43C
GFS
BFS
43.0
47.8
60.5
1.0
76.7
19.6
5.0
SMCJ43A
SMCJ43CA
GFT
BFT
43.0
47.8
54.9
1.0
69.4
21.6
5.0
SMCJ45
SMCJ45C
GFU
BFU
45.0
50.0
63.3
1.0
80.3
18.7
5.0
SMCJ45A
SMCJ45CA
GFV
BFV
45.0
50.0
57.5
1.0
72.7
20.6
5.0
SMCJ48
SMCJ48C
GFW
BFW
48.0
53.3
67.5
1.0
85.5
17.5
5.0
SMCJ48A
SMCJ48CA
GFX
BFX
48.0
53.3
61.3
1.0
77.4
19.4
5.0
SMCJ51
SMCJ51C
GFY
BFY
51.0
56.7
71.8
1.0
91.1
16.5
5.0
SMCJ51A
SMCJ51CA
GFZ
BFZ
51.0
56.7
65.2
1.0
82.4
18.2
5.0
SMCJ54
SMCJ54C
GGD
BGD
54.0
60.0
76.0
1.0
96.3
15.6
5.0
SMCJ54A
SMCJ54CA
GGE
BGE
54.0
60.0
69.0
1.0
87.1
17.2
5.0
SMCJ58
SMCJ58C
GGF
BGF
58.0
64.4
81.6
1.0
103.0
14.6
5.0
SMCJ58A
SMCJ58CA
GGG
BGG
58.0
64.4
74.6
1.0
93.6
16.0
5.0
SMCJ60
SMCJ60C
GGH
BGH
60.0
66.7
84.5
1.0
107.0
14.0
5.0
SMCJ60A
SMCJ60CA
GGK
BGK
60.0
66.7
76.7
1.0
96.8
15.5
5.0
SMCJ64
SMCJ64C
GGL
BGL
64.0
71.1
90.1
1.0
114.0
13.2
5.0
SMCJ64A
SMCJ64CA
GGM
BGM
64.0
71.1
81.8
1.0
103.0
14.6
5.0
SMCJ70
SMCJ70C
GGN
BGN
70.0
77.8
98.6
1.0
125.0
12.0
5.0
SMCJ70A
SMCJ70CA
GGP
BGP
70.0
77.8
89.5
1.0
113.0
13.3
5.0
SMCJ75
SMCJ75C
GGQ
BGQ
75.0
83.3
106.0
1.0
134.0
11.2
5.0
SMCJ75A
SMCJ75CA
GGR
BGR
75.0
83.3
95.8
1.0
121.0
12.4
5.0
SMCJ78
SMCJ78C
GGS
BGD
78.0
86.7
110.0
1.0
139.0
10.8
5.0
SMCJ78A
SMCJ78CA
GGT
BGT
78.0
86.7
99.7
1.0
126.0
11.4
5.0
SMCJ85
SMCJ85C
GGU
BGU
85.0
94.4
119.2
1.0
151.0
9.9
5.0
SMCJ85A
SMCJ85CA
GGV
BGV
85.0
94.4
108.2
1.0
137.0
10.4
5.0
SMCJ90
SMCJ90C
GGW
BGW
90.0
100.0
126.5
1.0
160.0
9.4
5.0
SMCJ90A
SMCJ90CA
GGX
BGX
90.0
100.0
115.5
1.0
146.0
10.3
5.0
SMCJ100
SMCJ100C
GGY
BGY
100.0
111.0
141.0
1.0
179.0
8.4
5.0
SMCJ100A
SMCJ100CA
GGZ
BGZ
100.0
111.0
128.0
1.0
162.0
9.3
5.0
SMCJ110
SMCJ110C
GHD
BHD
110.0
122.0
154.0
1.0
196.0
7.7
5.0
SMCJ110A
SMCJ110CA
GHE
BHE
110.0
122.0
140.0
1.0
177.0
8.4
5.0
SMCJ120
SMCJ120C
GHF
BHF
120.0
133.0
169.0
1.0
214.0
7.0
5.0
SMCJ120A
SMCJ120CA
GHG
BHG
120.0
133.0
153.0
1.0
193.0
7.9
5.0
SMCJ130
SMCJ130C
GHH
BHH
130.0
144.0
182.0
1.0
231.0
6.5
5.0
SMCJ130A
SMCJ130CA
GHK
BHK
130.0
144.0
165.0
1.0
209.0
7.2
5.0
SMCJ150
SMCJ150C
GHL
BHL
150.0
167.0
211.5
1.0
268.0
5.6
5.0
SMCJ150A
SMCJ150CA
GHM
BHM
150.0
167.0
192.0
1.0
243.0
6.2
5.0
SMCJ160
SMCJ160C
GHN
BHN
160.0
178.0
226.0
1.0
287.0
5.2
5.0
SMCJ160A
SMCJ160CA
GHP
BHP
160.0
178.0
205.0
1.0
259.0
5.8
5.0
SMCJ170
SMCJ170C
GHQ
BHQ
170.0
189.0
239.5
1.0
304.0
4.9
5.0
SMCJ170A
SMCJ170CA
GHR
BHR
170.0
189.0
217.5
1.0
275.0
5.5
5.0
NOTE: For bidirectional use C or CA suffix for types SMCJ5.0 thru types SMCJ170(ex. SMCJ5.0C, SMCJ170CA).
Electrical characteristics apply in both directions.
The later codes(/BDD thru /BHR) denote by bidirectional material.
~ 291 ~
Breakdown
Voltage
VBR Volts
Device Marking
code
Device
Uni-
directional
Device
Bi-
directional
SMCJ SERIES


Similar Part No. - SMCJ45CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ45CA FAIRCHILD-SMCJ45CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Zowie Technology Corpor...
SMCJ45CA ZOWIE-SMCJ45CA Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMCJ45CA MDE-SMCJ45CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
SMCJ45CA HUAXINAN-SMCJ45CA Datasheet
420Kb / 5P
   1500W Transient Voltage Suppressors
logo
Formosa MS
SMCJ45CA FORMOSA-SMCJ45CA Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ45CA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ Datasheet
121Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com