Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1198-2ACS8-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1198-2ACS8-TRPBF
Description  8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1198-2ACS8-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC1198-2ACS8-TRPBF Datasheet HTML 1Page - Linear Technology LTC1198-2ACS8-TRPBF Datasheet HTML 2Page - Linear Technology LTC1198-2ACS8-TRPBF Datasheet HTML 3Page - Linear Technology LTC1198-2ACS8-TRPBF Datasheet HTML 4Page - Linear Technology LTC1198-2ACS8-TRPBF Datasheet HTML 5Page - Linear Technology LTC1198-2ACS8-TRPBF Datasheet HTML 6Page - Linear Technology LTC1198-2ACS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC1198-2ACS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC1198-2ACS8-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC1196/LTC1198
5
119698fa
RECOMMENDED OPERATING CONDITIONS The l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V Operation.
SYMBOL
PARAMETER
CONDITIONS
MIN
LTC1196-1
LTC1198-1
TYP
MAX
MIN
LTC1196-2
LTC1198-2
TYP
MAX
UNITS
fCLK
Clock Frequency
l
0.01
0.01
5.4
4.6
0.01
0.01
4
3
MHz
MHz
tCYC
Total Cycle Time
LTC1196
LTC1198
12
16
12
16
CLK
CLK
tSMPL
Analog Input Sampling Time
2.5
2.5
CLK
thCS
Hold Time CS Low After Last CLK
20
40
ns
tsuCS
Setup Time CS
↓ Before First CLK↑
(See Figures 1, 2)
40
78
ns
thDI
Hold Time DIN After CLK↑
LTC1198
40
78
ns
tsuDI
Setup Time DIN Stable Before CLK↑
LTC1198
40
78
ns
tWHCLK
CLK High Time
fCLK = fCLK(MAX)
40%
40%
1/fCLK
tWLCLK
CLK Low Time
fCLK = fCLK(MAX)
40%
40%
1/fCLK
tWHCS
CS High Time Between Data Transfer
Cycles
50
96
ns
tWLCS
CS Low Time During Data Transfer
LTC1196
LTC1198
11
15
11
15
CLK
CLK
CONVERTER AND MULTIPLEXER CHARACTERISTICS The l denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V, VREF = 2.5V,
fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
LTC1196-1
LTC1198-1
TYP
MAX
MIN
LTC1196-2
LTC1198-2
TYP
MAX
UNITS
No Missing Codes Resolution
l
8
8
Bits
Offset Error
l
±1/2
±1
LSB
Linearity Error
(Note 3)
l
±1/2
±1
LSB
Full-Scale Error
l
±1/2
±1
LSB
Total Unadjusted Error (Note 4)
LTC1196, VREF = 2.5.000V
LTC1198, VCC = 2.700V
l
±1/2
±1
LSB
Analog and REF Input Range
LTC1196
–0.05V to VCC + 0.05V
V
Analog Input Leakage Current
(Note 5)
l
±1
±1
μA
DIGITAL AND DC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V, VREF = 2.5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 3.6V
l
1.9
V
VIL
Low Level Input Voltage
VCC = 2.7V
l
0.45
V
IIH
High Level Input Current
VIN = VCC
l
2.5
μA
IIL
Low Level Input Current
VIN = 0V
l
–2.5
μA
VOH
High Level Output Voltage
VCC = 2.7V, IO = 10μA
VCC = 2.7V, IO = 360μA
l
l
2.3
2.1
2.60
2.45
V
V
VOL
Low Level Output Voltage
VCC = 2.7V, IO = 400μA
l
0.3
V
IOZ
Hi-Z Output Leakage
CS = High
l
±3
μA


Similar Part No. - LTC1198-2ACS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198-2ACS8 LINER-LTC1198-2ACS8 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results

Similar Description - LTC1198-2ACS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com