Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1196-2BCS8-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1196-2BCS8-TRPBF
Description  8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196-2BCS8-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1196-2BCS8-TRPBF Datasheet HTML 6Page - Linear Technology LTC1196-2BCS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC1196-2BCS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC1196-2BCS8-TRPBF Datasheet HTML 9Page - Linear Technology LTC1196-2BCS8-TRPBF Datasheet HTML 10Page - Linear Technology LTC1196-2BCS8-TRPBF Datasheet HTML 11Page - Linear Technology LTC1196-2BCS8-TRPBF Datasheet HTML 12Page - Linear Technology LTC1196-2BCS8-TRPBF Datasheet HTML 13Page - Linear Technology LTC1196-2BCS8-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC1196/LTC1198
10
119698fa
TYPICAL PERFORMANCE CHARACTERISTICS
4096 Point FFT Plot at 5V
FFT Output of 455kHz AM Signal
Digitized at 1Msps
4096 Point FFT Plot at 2.7V
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
400
1196/98 G25
100
200
300
500
VCC = 5V
fIN = 29kHz
fSMPL = 882kHz
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
150
1196/98 G26
50
100
200
VCC = 2.7V
fIN = 29kHz
fSMPL = 340kHz
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
400
1196/98 G27
100
200
300
500
VCC = 5V
fIN = 455kHz WITH 20kHz AM
fSMPL = 1MHz
Power Supply Feedthrough vs
Ripple Frequency
Power Supply Feedthrough vs
Ripple Frequency
S/(N + D) vs Reference Voltage
and Input Frequency
RIPPLE FREQUENCY (Hz)
1k
0
–10
–20
–30
–40
–50
–60
–70
10k
100k
1M
1196/98 G28
TA = 25°C
VCC (VRIPPLE = 20mV)
fCLK = 12MHz
RIPPLE FREQUENCY (Hz)
1k
0
–10
–20
–30
–40
–50
–60
–70
10k
100k
1M
1196/98 G29
TA = 25°C
VCC (VRIPPLE = 10mV)
fCLK = 5MHz
REFERENCE VOLTAGE (V)
1.25
50
45
40
35
30
25
2.75
3.75
5.25
1196/98 G30
1.75 2.25
3.25
4.25 4.75
VCC = 5V
fIN = 500kHz
fIN = 200kHz
fIN = 100kHz
Intermodulation Distortion at 2.7V
Intermodulation Distortion at 5V
S/(N + D) vs Input Level
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
200
1196/98 G31
50
100
150
250
VCC = 2.7V
f1 = 100kHz
f2 = 110kHz
fSMPL = 420kHz
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
300
1196/98 G32
100
200
400
VCC = 5V
f1 = 200kHz
f2 = 210kHz
fSMPL = 750kHz
INPUT LEVEL (dB)
–40
50
40
30
20
10
0
–25
–15
0
1196/98 G33
–35 –30
–20
–10
–5
VREF = VCC = 5V
fIN = 500kHz
fSMPL = 1MHz


Similar Part No. - LTC1196-2BCS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1196-2BCS8 LINER-LTC1196-2BCS8 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results

Similar Description - LTC1196-2BCS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com