Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S593T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S593T
Description  MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S593T Datasheet(HTML) 2 Page - Vishay Siliconix

  S593T Datasheet HTML 1Page - Vishay Siliconix S593T Datasheet HTML 2Page - Vishay Siliconix S593T Datasheet HTML 3Page - Vishay Siliconix S593T Datasheet HTML 4Page - Vishay Siliconix S593T Datasheet HTML 5Page - Vishay Siliconix S593T Datasheet HTML 6Page - Vishay Siliconix S593T Datasheet HTML 7Page - Vishay Siliconix S593T Datasheet HTML 8Page - Vishay Siliconix S593T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
S593T/S593TR/S593TRW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (9)
Document Number 85047
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Drain - source voltage
VDS
8
V
Drain current
ID
30
mA
Gate 1/Gate 2 - source peak current
±IG1/G2SM
10
mA
Gate 1/Gate 2 - source voltage
±VG1/G2SM
6
V
Total power dissipation
Tamb ≤ 78 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
–55 to +150
°C
Maximum Thermal Resistance
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Channel ambient
on glass fibre printed board (25 x 20 x 1.5) mm3
plated with 35
mm Cu
RthChA
450
K/W
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Gate 1 - source
breakdown voltage
±IG1S = 10 mA, VG2S = VDS = 0
±V(BR)G1SS
7
10
V
Gate 2 - source
breakdown voltage
±IG2S = 10 mA, VG1S = VDS = 0
±V(BR)G2SS
7
10
V
Gate 1 - source
+VG1S = 5 V, VG2S = VDS = 0
+IG1SS
50
mA
leakage current
–VG1S = 5 V, VG2S = VDS = 0
–IG1SS
100
mA
Gate 2 - source
leakage current
±VG2S = 5 V, VG1S = VDS = 0
±IG2SS
20
nA
Drain current
VDS = 5 V, VG1S = 0, VG2S = 4 V
IDSS
50
500
mA
Self-biased
operating current
VDS = 5 V, VG1S = nc, VG2S = 4 V
IDSP
9
13
18
mA
Gate 2 - source
cut-off voltage
VDS = 5 V, VG1S = nc, ID = 20 mA
VG2S(OFF)
1.0
V
Caution for Gate 1 switch-off mode:
No external DC-voltage on Gate 1 in active mode!
Switch-off at Gate 1 with VG1S < 0.7 V is feasible.
Using open collector switching transistor (inside of PLL). Insert 10 k
W collector resistor.


Similar Part No. - S593T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S593T VISHAY-S593T Datasheet
321Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S593TR VISHAY-S593TR Datasheet
321Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S593TRW VISHAY-S593TRW Datasheet
321Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S593T VISHAY-S593T_08 Datasheet
321Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
More results

Similar Description - S593T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S504T VISHAY-S504T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S595T VISHAY-S595T Datasheet
203Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 02-May-05
S594T VISHAY-S594T Datasheet
155Kb / 9P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S592T VISHAY-S592T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S506TY VISHAY-S506TY Datasheet
115Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 21-Oct-02
S503T VISHAY-S503T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S503TX VISHAY-S503TX Datasheet
149Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.2, 30-Aug-04
S505T VISHAY-S505T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S505TX VISHAY-S505TX Datasheet
183Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.2, 29-Apr-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com