Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1164-5CJ Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1164-5CJ
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-5CJ Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1164-5CJ Datasheet HTML 2Page - Linear Technology LTC1164-5CJ Datasheet HTML 3Page - Linear Technology LTC1164-5CJ Datasheet HTML 4Page - Linear Technology LTC1164-5CJ Datasheet HTML 5Page - Linear Technology LTC1164-5CJ Datasheet HTML 6Page - Linear Technology LTC1164-5CJ Datasheet HTML 7Page - Linear Technology LTC1164-5CJ Datasheet HTML 8Page - Linear Technology LTC1164-5CJ Datasheet HTML 9Page - Linear Technology LTC1164-5CJ Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1164-5
6
11645fc
FREQUENCY (kHz)
0.5
1164-5 G23
1
5
–50
–54
–58
–62
–66
–70
–74
–78
–82
–86
–90
VIN = 2VRMS
VS = ±7.5V, 140:1
fCLK = 750kHz
fC = 5.36kHz
(5 REPRESENTATIVE
UNITS)
FREQUENCY (kHz)
1
–100
–90
–50
5
1164-5 G22
–80
–70
–60
–40
10
VIN = 0.7VRMS
SINGLE 5V SUPPLY
50:1, fCLK = 500kHz
fC = 10kHz
(5 REPRESENTATIVE
UNITS)
FREQUENCY (kHz)
1
–100
–90
–50
25
1164-5 G21
–80
–70
–60
–40
34
VIN = 1VRMS
±5V, 100:1
fCLK = 500kHz
(5 REPRESENTATIVE
UNITS)
FREQUENCY (kHz)
1
–100
–90
–50
5
1164-5 G20
–80
–70
–60
–40
10
VIN = 1VRMS
±5V, 50:1
fCLK = 500kHz
(5 REPRESENTATIVE
UNITS)
FREQUENCY (kHz)
1
–100
–90
–50
25
1164-5 G19
–80
–70
–60
–40
34
VIN = 2VRMS
±7.5V, 100:1
fCLK = 500kHz
(5 REPRESENTATIVE
UNITS)
FREQUENCY (kHz)
1
–100
–90
–50
10
20
–80
–70
–60
–40
VIN = 2VRMS
±7.5V, 50:1
fCLK = 1MHz
(5 REPRESENTATIVE
UNITS)
1164-5 G18
FREQUENCY (kHz)
0.1
–100
–90
–50
15
1164-5 G17
–80
–70
–60
–40
fIN = 1kHz
fCLK = 500kHz
SINGLE 5V
±5V
±7.5V
FREQUENCY (kHz)
0.1
–100
–90
–50
15
1164-5 G16
–80
–70
–60
–40
fIN = 1kHz
fCLK = 500kHz
SINGLE 5V
±5V
±7.5V
FREQUENCY (kHz)
1
–4.0
–3.0
–2.0
–1.0
0
10
1164-5 G15
–3.5
–2.5
–1.5
–0.5
0.5
VS = SINGLE 5V
fCLK = 1MHz (50:1)
fCUTOFF = 20kHz
TA = –40°C
TA = 70°C
Maximum Passband over
Temperature for Single 5V, 50:1*
THD + Noise vs RMS Input, 100:1
THD + Noise vs RMS Input, 50:1
THD + Noise vs Frequency
THD + Noise vs Frequency
THD + Noise vs Frequency
THD + Noise vs Frequency
THD + Noise vs Frequency
THD + Noise vs Frequency
* See also Passband vs Frequency and fCLK for Single 5V, 50:1; THD + Noise vs RMS Input for Single 5V, 50:1;
and Maximum Passband for Single 5V, 50:1, for Two Ground Bias Levels.
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1164-5CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5CJ LINER-LTC1164-5CJ Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
More results

Similar Description - LTC1164-5CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
logo
Maxim Integrated Produc...
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com