Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1098IN8-TR Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1098IN8-TR
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098IN8-TR Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1098IN8-TR Datasheet HTML 5Page - Linear Technology LTC1098IN8-TR Datasheet HTML 6Page - Linear Technology LTC1098IN8-TR Datasheet HTML 7Page - Linear Technology LTC1098IN8-TR Datasheet HTML 8Page - Linear Technology LTC1098IN8-TR Datasheet HTML 9Page - Linear Technology LTC1098IN8-TR Datasheet HTML 10Page - Linear Technology LTC1098IN8-TR Datasheet HTML 11Page - Linear Technology LTC1098IN8-TR Datasheet HTML 12Page - Linear Technology LTC1098IN8-TR Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
9
10968fc
TYPICAL PERFORMANCE CHARACTERISTICS
Change in Offset vs
Reference Voltage LTC1096
Change in Offset vs
Supply Voltage
Change in Linearity vs
Reference Voltage LTC1096
Change in Linearity vs
Supply Voltage
Change in Gain vs Supply Voltage
Change in Gain vs
Reference Voltage LTC1096
Supply Current vs Clock Rate
for Active and Shutdown Modes
Supply Current vs Supply Voltage
Active and Shutdown Modes
Supply Current vs Sample
Frequency LTC1096
FREQUENCY (kHz)
1
0
150
200
250
10
100
1000
10968 G01
100
50
TA = 25°C
CS = 0V
VCC = 9V
VCC = 5V
CS = VCC
10
0.002
SUPPLY VOLTAGE,VCC (V)
0
0
20
60
80
100
2
4
59
10968 G02
40
13
6
7
8
TA = 25°C
VREF = 2.5V
“ACTIVE” MODE CS = 0
“SHUTDOWN” MODE CS = VCC
0.001
SAMPLE FREQUENCY, fSMPL (kHz)
0.1
1
10
100
1000
1
10
100
10968 G03
TA = 25°C
VCC = VREF = 5V
REFERENCE VOLTAGE (V)
0
0
0.25
4
10968 G04
–0.25
–0.50
1
2
3
5
0.50
TA = 25°C
VCC = 5V
FCLK = 500kHz
SUPPLY VOLTAGE, VCC (V)
0
0.1
0.3
0.5
8
10968 G05
–0.1
–0.3
–0.5
2
4
6
10
0
0.2
0.4
–0.2
–0.4
19
3
5
7
TA = 25°C
VREF = 2.5V
FCLK = 100kHz
REFERENCE VOLTAGE (V)
0
0
0.25
4
10968 G06
–0.25
–O.50
1
2
3
5
0.50
TA = 25°C
VCC = 5V
FCLK = 500kHz
SUPPLY VOLTAGE, VCC (V)
0
0.1
0.3
0.5
8
10968 G07
–0.1
–0.3
–0.5
2
4
6
10
0
0.2
0.4
–0.2
–0.4
19
3
5
7
TA = 25°C
VREF = 2.5V
FCLK = 100kHz
SUPPLY VOLTAGE, VCC (V)
0
0.1
0.3
0.5
8
10968 G08
–0.1
–0.3
–0.5
2
4
6
10
0
0.2
0.4
–0.2
–0.4
19
3
5
7
TA = 25°C
VREF = 2.5V
FCLK = 100kHz
VOLTAGE REFERENCE (V)
0
0
0.25
4
10968 G09
–0.25
–O.50
1
2
3
5
0.50
TA = 25°C
VCC = 5V
FCLK = 500kHz


Similar Part No. - LTC1098IN8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1098IN8 LINER-LTC1098IN8 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results

Similar Description - LTC1098IN8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L Datasheet
210Kb / 8P
   Low Voltage, Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_1 Datasheet
240Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594 Datasheet
430Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598 LINER-LTC1598_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com