Electronic Components Datasheet Search |
|
LTC1096ACN8-TR Datasheet(PDF) 11 Page - Linear Technology |
|
LTC1096ACN8-TR Datasheet(HTML) 11 Page - Linear Technology |
11 / 32 page LTC1096/LTC1096L LTC1098/LTC1098L 11 10968fc PIN FUNCTIONS LTC1096/LTC1096L CS/SHDN (Pin 1): Chip Select Input. A logic low on this input enables the LTC1096/LTC1096L. A logic high on this input disables the LTC1096/LTC1096L and disconnects the power to the LTC1096/LTC1096L. IN+ (Pin 2): Analog Input. This input must be free of noise with respect to GND. IN– (Pin 3): Analog Input. This input must be free of noise with respect to GND. GND (Pin 4): Analog Ground. GND should be tied directly to an analog ground plane. VREF (Pin 5): Reference Input. The reference input defines the span of the A/D converter and must be kept free of noise with respect to GND. DOUT (Pin 6): Digital Data Output. The A/D conversion result is shifted out of this output. CLK (Pin 7): Shift Clock. This clock synchronizes the se- rial data transfer. VCC(Pin8):PowerSupplyVoltage.Thispinprovidespower to the A/D converter. It must be free of noise and ripple by bypassing directly to the analog ground plane. LTC1098/LTC1098L CS/SHDN (Pin 1): Chip Select Input. A logic low on this input enables the LTC1098/LTC1098L. A logic high on this input disables the LTC1098/LTC1098L and disconnects the power to the LTC1098/LTC1098L. CH0 (Pin 2): Analog Input. This input must be free of noise with respect to GND. CH1 (Pin 3): Analog Input. This input must be free of noise with respect to GND. GND (Pin 4): Analog Ground. GND should be tied directly to an analog ground plane. DIN (Pin 5): Digital Data Input. The multiplexer address is shifted into this pin. DOUT (Pin 6): Digital Data Output. The A/D conversion result is shifted out of this output. CLK (Pin 7): Shift Clock. This clock synchronizes the se- rial data transfer. VCC(VREF)(Pin8):PowerSupplyVoltage.Thispinprovides power and defines the span of the A/D converter. It must be free of noise and ripple by bypassing directly to the analog ground plane. |
Similar Part No. - LTC1096ACN8-TR |
|
Similar Description - LTC1096ACN8-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |