Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1098IN8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1098IN8
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098IN8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1098IN8 Datasheet HTML 4Page - Linear Technology LTC1098IN8 Datasheet HTML 5Page - Linear Technology LTC1098IN8 Datasheet HTML 6Page - Linear Technology LTC1098IN8 Datasheet HTML 7Page - Linear Technology LTC1098IN8 Datasheet HTML 8Page - Linear Technology LTC1098IN8 Datasheet HTML 9Page - Linear Technology LTC1098IN8 Datasheet HTML 10Page - Linear Technology LTC1098IN8 Datasheet HTML 11Page - Linear Technology LTC1098IN8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
8
10968fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: For the 8-lead PDIP, consult the factory.
Note 4: Linearity error is specified between the actual and points of the
A/D transfer curve.
Note 5: Total unadjusted error includes offset, full scale, linearity,
multiplexer and hold step errors.
Note 6: Two on-chip diodes are tied to each reference and analog input
which will conduct for reference or analog input voltages one diode
drop below GND or one diode drop above VCC. This spec allows 50mV
forward bias of either diode. This means that as long as the reference or
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
See Operating Sequence
1.5
CLK Cycles
fSMPL(MAX) Maximum Sampling Frequency
l
16.5
kHz
tCONV
Conversion Time
See Operating Sequence
8
CLK Cycles
tdDO
Delay Time, CLK
↓ to DOUT Data Valid
See Test Circuits (Note 9)
l
500
1000
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits (Note 9)
l
220
800
ns
ten
Delay Time, CLK
↓ to DOUT Enable
See Test Circuits (Note 9)
l
160
480
ns
thDO
Time Output Data Remains Valid After CLK
CLOAD = 100pF
400
ns
tf
DOUT Fall Time
See Test Circuits (Note 9)
l
70
250
ns
tr
DOUT Rise Time
See Test Circuits (Note 9)
l
50
150
ns
CIN
Input Capacitance
Analog Inputs On Channel
Analog Inputs Off Channel
25
5
pF
pF
Digital Input
5
pF
AC CHARACTERISTICS
LTC1096/LTC1098
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 3V, VREF = 2.5V, fCLK = 250kHz, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
See Operating Sequence
1.5
CLK Cycles
fSMPL(MAX) Maximum Sampling Frequency
l
16.5
kHz
tCONV
Conversion Time
See Operating Sequence
8
CLK Cycles
tdDO
Delay Time, CLK
↓ to DOUT Data Valid
See Test Circuits
l
500
1000
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
l
220
800
ns
ten
Delay Time, CLK
↓ to DOUT Enable
See Test Circuits
l
160
480
ns
thDO
Time Output Data Remains Valid After CLK
CLOAD = 100pF
400
ns
tf
DOUT Fall Time
See Test Circuits
l
70
250
ns
tr
DOUT Rise Time
See Test Circuits
l
50
200
ns
CIN
Input Capacitance
Analog Inputs On Channel
Analog Inputs Off Channel
25
5
pF
pF
Digital Input
5
pF
LTC1096L/LTC1098L
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 2.65V, VREF = 2.5V, fCLK = 250kHz, unless otherwise noted.
analog input does not exceed the supply voltage by more than 50mV, the
output code will be correct. To achieve an absolute 0V to 5V input voltage
range will therefore require a minimum supply voltage of 4.950V over
initial tolerance, temperature variations and loading. For 5.5V < VCC ≤ 9V,
reference and analog input range cannot exceed 5.55V. If reference and
analog input range are greater than 5.55V, the output code will not be
guaranteed to be correct.
Note 7: The supply voltage range for the LTC1096L/LTC1098L is from
2.65V to 4V. The supply voltage range for the LTC1096 is from 3V to 9V,
but the supply voltage range for the LTC1098 is only from 3V to 6V.
Note 8: Channel leakage current is measured after the channel selection.
Note 9: These specifications are either correlated from 5V specifications or
guaranteed by design.


Similar Part No. - LTC1098IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1098IN8 LINER-LTC1098IN8 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results

Similar Description - LTC1098IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L Datasheet
210Kb / 8P
   Low Voltage, Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_1 Datasheet
240Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594 Datasheet
430Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598 LINER-LTC1598_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594 LINER-LTC1594_15 Datasheet
245Kb / 24P
   4- and 8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com