Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF36G Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SF36G
Description  SUPER FAST GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SF36G Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SF36G Datasheet HTML 1Page - HY ELECTRONIC CORP. SF36G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
SF31G thru SF38G
~ 165 ~
FIG. 1 – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
0.5
1.5
2.5
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
200
150
100
50
0
100
50
20
10
1
2
5
100
1
10
100
10
1
4
FIG.3 – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (VOLTS)
TJ = 25°C f = 1 MHz
SF31G - SF34G
SF35G - SF38G
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
1.0
10
0.1
100
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
TJ = 25°C
PULSE WIDTH 300us
SF31G - SF34G
SF35G - SF36G
SF38G


Similar Part No. - SF36G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF36G JGD-SF36G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Cystech Electonics Corp...
SF36G CYSTEKEC-SF36G Datasheet
263Kb / 3P
   3.0Amp. Glass Passivated Super Fast Rectifiers
logo
Shanghai Shunye Electro...
SF36G SHUNYE-SF36G Datasheet
645Kb / 2P
   SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF36G TSC-SF36G Datasheet
72Kb / 2P
   3.0 AMPS. Ultra Fast Recovery Rectifiers
SF36G TSC-SF36G Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF36G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
   Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805 SSC-MUR805 Datasheet
280Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
   Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com