Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCT6H Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. MCT6H
Description  Dual Channel Optocoupler with Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT6H Datasheet(HTML) 6 Page - Vishay Siliconix

  MCT6H Datasheet HTML 1Page - Vishay Siliconix MCT6H Datasheet HTML 2Page - Vishay Siliconix MCT6H Datasheet HTML 3Page - Vishay Siliconix MCT6H Datasheet HTML 4Page - Vishay Siliconix MCT6H Datasheet HTML 5Page - Vishay Siliconix MCT6H Datasheet HTML 6Page - Vishay Siliconix MCT6H Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MCT6H/ MCT62H
Vishay Telefunken
Rev. A1, 11–Jan–99
206
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
IC – Collector Current ( mA )
96 11993
CTR=50%
20%
10%
Figure 9. Collector Emitter Saturation Voltage vs.
Collector Current
1
10
100
1000
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
96 11994
VCE=5V
Figure 10. Current Transfer Ratio vs. Forward Current
0
2
4
6
8
10
0
123
456
789
10
IC – Collector Current ( mA )
96 11995
Non saturated opera-
tion
VS=5V
RL=100W
toff
ton
Figure 11. Turn on / off Time vs. Collector Current
820 U TFK 63
XXXXXXXX
15091
Type
Date
Code
(YM)
Pin 1
Indication
Coupling
System
Indicator
Company
Logo
Production
Location
Figure 12. Marking example


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn