Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3496IFE-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3496IFE-PBF
Description  Triple Output LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496IFE-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3496IFE-PBF Datasheet HTML 2Page - Linear Technology LT3496IFE-PBF Datasheet HTML 3Page - Linear Technology LT3496IFE-PBF Datasheet HTML 4Page - Linear Technology LT3496IFE-PBF Datasheet HTML 5Page - Linear Technology LT3496IFE-PBF Datasheet HTML 6Page - Linear Technology LT3496IFE-PBF Datasheet HTML 7Page - Linear Technology LT3496IFE-PBF Datasheet HTML 8Page - Linear Technology LT3496IFE-PBF Datasheet HTML 9Page - Linear Technology LT3496IFE-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3496
6
3496fe
VCAP-LED Threshold vs
Temperature
PMOS Turn On Waveforms
PMOS Turn Off Waveforms
(TA = 25°C unless otherwise noted)
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
101
102
103
25
75
3496 G10
100
99
–25
0
50
100
125
98
97
CTRL = 1.2V
VCAP = 24V
5V
0V
PWM
40V
30V
TG
200ns/DIV
VCAP = 40V
3496 G11
200ns/DIV
VCAP = 40V
3496 G12
5V
0V
PWM
40V
30V
TG
Switch Frequency vs Temperature
VCAP-LED Threshold vs CTRL
VCAP-LED Threshold vs VCAP
TEMPERATURE (°C)
–50
2.1
2.2
2.3
2.4
25
75
3496 G07
2.0
1.9
–25
0
50
100
125
1.8
FADJ = 1.2V
CTRL (V)
0
0
20
40
60
80
120
0.2
0.4
0.6
0.8
3496 G08
1
1.2
100
VCAP = 24V
VCAP (V)
0
97
98
99
100
101
102
103
10
20
30
40
3496 G09
50
CTRL = 1.2V


Similar Part No. - LT3496IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3496 LINER-LT3496 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3496 LINER-LT3496 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3496 LINER-LT3496 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3496 LINEAR_DIMENSIONS-LT3496 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3496IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
   Triple Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com