Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3493EDCB-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3493EDCB-TRPBF
Description  1.2A, 750kHz Step-Down Switching Regulator in 2mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3493EDCB-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3493EDCB-TRPBF Datasheet HTML 2Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 3Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 4Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 5Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 6Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 7Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 8Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 9Page - Linear Technology LT3493EDCB-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3493
6
3493fb
BLOCK DIAGRAM
PIN FUNCTIONS
FB (Pin 1): The LT3493 regulates its feedback pin to
780mV. Connect the feedback resistor divider tap to this
pin. Set the output voltage according to VOUT = 0.78V •
(1 + R1/R2). A good value for R2 is 10k.
GND (Pin 2): Tie the GND pin to a local ground plane
below the LT3493 and the circuit components. Return the
feedback divider to this pin.
BOOST (Pin 3): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal bipolar
NPN power switch.
SW (Pin 4): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
VIN (Pin 5): The VIN pin supplies current to the LT3493’s
internal regulator and to the internal power switch. This
pin must be locally bypassed.
SHDN (Pin 6): The SHDN pin is used to put the LT3493 in
shutdown mode. Tie to ground to shut down the LT3493.
Tie to 2.3V or more for normal operation. If the shutdown
feature is not used, tie this pin to the VIN pin. SHDN also
provides a soft-start function; see the Applications Infor-
mation section.
Exposed Pad (Pin 7): The Exposed Pad must be soldered
to the PCB and electrically connected to ground. Use a
large ground plane and thermal vias to optimize thermal
performance.
1
R
DRIVER
Q1
S
OSC
SLOPE
COMP
FREQUENCY
FOLDBACK
INT REG
AND
UVLO
VC
gm
780mV
3493 BD
2
5
6
Q
Q
3
4
BOOST
SW
FB
R2
R1
VOUT
L1
D2
C3
C1
D1
VIN
C2
VIN
ON OFF
GND
C4
R3
SHDN


Similar Part No. - LT3493EDCB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493EDCB-3 LINER-LT3493EDCB-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
More results

Similar Description - LT3493EDCB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LT3493 LINER-LT3493_15 Datasheet
598Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com