Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3493EDCB-3 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3493EDCB-3
Description  1.2A, 750kHz Step-Down Switching Regulator in 2mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3493EDCB-3 Datasheet(HTML) 1 Page - Linear Technology

  LT3493EDCB-3 Datasheet HTML 1Page - Linear Technology LT3493EDCB-3 Datasheet HTML 2Page - Linear Technology LT3493EDCB-3 Datasheet HTML 3Page - Linear Technology LT3493EDCB-3 Datasheet HTML 4Page - Linear Technology LT3493EDCB-3 Datasheet HTML 5Page - Linear Technology LT3493EDCB-3 Datasheet HTML 6Page - Linear Technology LT3493EDCB-3 Datasheet HTML 7Page - Linear Technology LT3493EDCB-3 Datasheet HTML 8Page - Linear Technology LT3493EDCB-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT3493-3
3493-3f
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
1.2A, 750kHz Step-Down
Switching Regulator in
2mm
× 3mm DFN
The LT
®3493-3 is a current mode PWM step-down DC/DC
converter with an internal 1.75A power switch. The wide
operating input range of 6.8V to 36V (40V maximum) makes
the LT3493-3 ideal for regulating power from a wide vari-
ety of sources, including unregulated wall transformers,
24V industrial supplies and automotive batteries. Its high
operating frequency allows the use of tiny, low cost induc-
tors and ceramic capacitors, resulting in low, predictable
output ripple.
Cycle-by-cycle current limit provides protection against
shorted outputs and soft-start eliminates input current
surge during start-up. The low current (<2
µA) shutdown
mode provides output disconnect, enabling easy power
management in battery-powered systems.
Wide Input Range: 6.8V to 36V Operating,
40V Maximum
1.2A Output Current
Fixed Frequency Operation: 750kHz
Output Adjustable Down to 780mV
Short-Circuit Robust
Uses Tiny Capacitors and Inductors
Soft-Start
Internally Compensated
Low Shutdown Current: <2
µA
Low VCESAT Switch: 330mV at 1A
Thermally Enhanced, Low Profile 2mm
× 3mm
DFN-6 Package
Automotive Battery Regulation
Industrial Control Supplies
Wall Transformer Regulation
Distributed Supply Regulation
Battery-Powered Equipment
3.3V Step-Down Converter
Efficiency
VIN
6.8V TO 36V
ON OFF
0.1
µF
10
µH
32.4k
10
µF
3493-3 TA01a
22pF
1
µF
10k
VOUT
3.3V
1.2A, VIN > 12V
1.1A, VIN > 8V
VIN
BOOST
GND
FB
SHDN
SW
LT3493-3
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LOAD CURRENT (A)
70
80
3493-3 TA01b
60
50
0.4
0.8
1.2
0.2
0
0.6
1.0
90
65
75
55
85
VIN = 12V
VOUT = 3.3V
L = 10
µH


Similar Part No. - LT3493EDCB-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493EDCB-PBF LINER-LT3493EDCB-PBF Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493EDCB-TR LINER-LT3493EDCB-TR Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493EDCB-TRPBF LINER-LT3493EDCB-TRPBF Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
More results

Similar Description - LT3493EDCB-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LT3493 LINER-LT3493_15 Datasheet
598Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com