Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3489 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3489
Description  2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3489 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3489 Datasheet HTML 4Page - Linear Technology LT3489 Datasheet HTML 5Page - Linear Technology LT3489 Datasheet HTML 6Page - Linear Technology LT3489 Datasheet HTML 7Page - Linear Technology LT3489 Datasheet HTML 8Page - Linear Technology LT3489 Datasheet HTML 9Page - Linear Technology LT3489 Datasheet HTML 10Page - Linear Technology LT3489 Datasheet HTML 11Page - Linear Technology LT3489 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT3489
10
3489f
AVDD LOAD CURRENT (mA)
0
65
70
75
300
500
3489 TA01b
60
55
50
100
200
400
80
85
90
700
600
VON LOAD = 10mA
VOFF LOAD = 20mA
TYPICAL APPLICATIO
VIN
VIN
3.3V
SW
FB
LT3489
L1
2.2
µH
D1
R3
5.23k
R2
28.7k
3489 TA04
C2
20
µF
C5
0.1
µF
C6
0.1
µF
C7
0.1
µF
C4
2
µF
C3
2
µF
C1
4.7
µF
CSS
100nF
D7
D2
D3
VOFF
–8V
20mA
AVDD
8V
610mA
VON
23V
10mA
D6
C8
0.1
µF
VC
GND*
SHDN
3
8
7
14
2
5
6
SS
COMP
+
D4
D5
C1 TO C8: X5R OR X7R
C1: AVX 08056D475KAT
C2: 2
× 10µF, TAIYO YUDEN LMK316BJ106ML
C3: 2
× 10µF, 10V
C4: 2
× 1µF, AVX08053D105KAT
C5, C6, C7: 0.1
µF, 10V
C8: 0.1
µF, 16V
D1: DIODES INC. DFLS220L
D2 TO D7: ZETEX BAT54S OR EQUIVALENT
L1: COOPER BUSSMANN SD25-2R2
* EXPOSED PAD MUST ALSO BE GROUNDED
OFF ON
10mA
37.4k
220pF
Transient Response
Start-Up Waveforms
AVDD
100mV/DIV
AC COUPLED
IL1
1A/DIV
400mA
ILOAD
200mA
5
µs/DIV
3489 TA07
AVDD
5V/DIV
VON
20V/DIV
VOFF
5V/DIV
IIN
0.5A/DIV
5ms/DIV
3489 TA08
Effciency


Similar Part No. - LT3489

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3489 LINER-LT3489 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489EMS8E#PBF LINER-LT3489EMS8E#PBF Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results

Similar Description - LT3489

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A_15 Datasheet
323Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com