Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3485EDD-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3485EDD-2
Description  Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3485EDD-2 Datasheet(HTML) 2 Page - Linear Technology

  LT3485EDD-2 Datasheet HTML 1Page - Linear Technology LT3485EDD-2 Datasheet HTML 2Page - Linear Technology LT3485EDD-2 Datasheet HTML 3Page - Linear Technology LT3485EDD-2 Datasheet HTML 4Page - Linear Technology LT3485EDD-2 Datasheet HTML 5Page - Linear Technology LT3485EDD-2 Datasheet HTML 6Page - Linear Technology LT3485EDD-2 Datasheet HTML 7Page - Linear Technology LT3485EDD-2 Datasheet HTML 8Page - Linear Technology LT3485EDD-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3485-0/LT3485-1/
LT3485-2/LT3485-3
2
34850123fb
VIN Voltage .............................................................. 10V
VBAT Voltage ............................................................ 10V
SW Voltage ................................................... –1V to 50V
SW Pin Negative Current ...................................... –0.5A
CHARGE Voltage ...................................................... 10V
IGBTIN Voltage ........................................................ 10V
IGBTOUT Voltage ..................................................... 10V
DONE Voltage .......................................................... 10V
IGBTPWR Voltage .................................................... 10V
VMONT Voltage ......................................................... 10V
Current into DONE Pin ............................... 0.2mA/–1mA
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range (Note 2) ... –40
°C to 85°C
Storage Temperature Range .................. –65
°C to 125°C
ABSOLUTE
AXI U
RATI GS
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current
Not Switching
5
8
mA
VCHARGE = 0V
0
1
µA
VIN Voltage Range
2.5
10
V
VBAT Voltage Range
1.7
10
V
Switch Current Limit
LT3485-3
1.6
1.7
1.8
A
LT3485-0
1.1
1.2
1.3
A
LT3485-2
0.75
0.85
0.95
A
LT3485-1
0.45
0.55
0.65
A
Switch VCESAT
LT3485-3, ISW = 1.5A
310
400
mV
LT3485-0, ISW = 1A
210
300
mV
LT3485-2, ISW = 700mA
170
225
mV
LT3485-1, ISW = 400mA
100
175
mV
VOUT Comparator Trip Voltage
Measured as VSW – VIN
31
31.5
32
V
VOUT Comparator Overdrive
300ns Pulse Width
200
400
mV
DCM Comparator Trip Voltage
Measured as VSW – VIN
10
45
120
mV
CHARGE Pin Current
VCHARGE = 3V
65
100
µA
VCHARGE = 0V
0
0.1
µA
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VBAT = VCHARGE = 3V, unless otherwise noted.
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART NUMBER
LT3485EDD-0
LT3485EDD-1
LT3485EDD-2
LT3485EDD-3
TJMAX = 125°C θJA = 43°C/W
EXPOSED PAD (11) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
´ 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VMONT
DONE
IGBTPWR
IGBTIN
IGBTOUT
CHARGE
VBAT
VIN
SW
SW
DD PART MARKING
LBRH
LBVN
LBVP
LBTK
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/


Similar Part No. - LT3485EDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485 LINER-LT3485 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Analog Devices
LT3485 AD-LT3485 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
logo
Linear Technology
LT3485-0 LINER-LT3485-0 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
logo
Analog Devices
LT3485-0 AD-LT3485-0 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
More results

Similar Description - LT3485EDD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-1 LINER-LT3485-1_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-2 LINER-LT3485-2_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-3 LINER-LT3485-3_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com