Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3481HMSE-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3481HMSE-TRPBF
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3481HMSE-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3481HMSE-TRPBF Datasheet HTML 5Page - Linear Technology LT3481HMSE-TRPBF Datasheet HTML 6Page - Linear Technology LT3481HMSE-TRPBF Datasheet HTML 7Page - Linear Technology LT3481HMSE-TRPBF Datasheet HTML 8Page - Linear Technology LT3481HMSE-TRPBF Datasheet HTML 9Page - Linear Technology LT3481HMSE-TRPBF Datasheet HTML 10Page - Linear Technology LT3481HMSE-TRPBF Datasheet HTML 11Page - Linear Technology LT3481HMSE-TRPBF Datasheet HTML 12Page - Linear Technology LT3481HMSE-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3481
9
3481fb
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
RR
VOUT
12
1 265
1
= ⎛
⎝⎜
⎠⎟
.
Reference designators refer to the Block Diagram.
Setting the Switching Frequency
The LT3481 uses a constant frequency PWM architecture
that can be programmed to switch from 300kHz to 2.8MHz
by using a resistor tied from the RT pin to ground. A table
showing the necessary RT value for a desired switching
frequency is in Figure 1.
SWITCHING FREQUENCY (MHz)
RT VALUE (kΩ)
0.2
0.3
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
267
187
133
84.5
60.4
45.3
36.5
29.4
23.7
20.5
16.9
14.3
12.1
10.2
8.66
Operating Frequency Tradeoffs
Selection of the operating frequency is a tradeoff between
efficiency, component size, minimum dropout voltage, and
maximum input voltage. The advantage of high frequency
operation is that smaller inductor and capacitor values may
be used. The disadvantages are lower efficiency, lower
maximum input voltage, and higher dropout voltage. The
highest acceptable switching frequency (fSW(MAX)) for a
given application can be calculated as follows:
f
VV
tV
V
V
SW MAX
D
OUT
ON MIN
DIN
SW
()
()
=
+
+
()
where VIN is the typical input voltage, VOUT is the output
voltage, is the catch diode drop (~0.5V), VSW is the internal
switch drop (~0.5V at max load). This equation shows
that slower switching frequency is necessary to safely
accommodate high VIN/VOUT ratio. Also, as shown in
the next section, lower frequency allows a lower dropout
voltage. The reason input voltage range depends on the
switching frequency is because the LT3481 switch has
finite minimum on and off times. The switch can turn on
for a minimum of ~150ns and turn off for a minimum of
~150ns. This means that the minimum and maximum
duty cycles are:
DC
f
t
DC
f
t
MIN
SW ON MIN
MAX
SW OFF MIN
=
=
()
()
1–
where fSW is the switching frequency, the tON(MIN) is the
minimum switch on time (~150ns), and the tOFF(MIN) is
the minimum switch off time (~150ns). These equations
show that duty cycle range increases when switching
frequency is decreased.
A good choice of switching frequency should allow ad-
equate input voltage range (see next section) and keep
the inductor and capacitor values small.
Input Voltage Range
The maximum input voltage for LT3481 applications de-
pends on switching frequency, the Absolute Maximum Rat-
ings on VIN and BOOST pins, and on operating mode.
If the output is in start-up or short-circuit operating modes,
then VIN must be below 34V and below the result of the
following equation:
V
VV
ft
VV
IN MAX
OUT
D
SW ON MIN
DSW
()
()
=
+
+
where VIN(MAX) is the maximum operating input voltage,
VOUT is the output voltage, VD is the catch diode drop
(~0.5V), VSW is the internal switch drop (~0.5V at max
load), fSW is the switching frequency (set by RT), and
tON(MIN)istheminimumswitchontime(~150ns).Notethat
a higher switching frequency will depress the maximum
operating input voltage. Conversely, a lower switching
Figure 1. Switching Frequency vs. RT Value
APPLICATIONS INFORMATION


Similar Part No. - LT3481HMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results

Similar Description - LT3481HMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3681 LINER-LT3681_15 Datasheet
378Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3681 LINER-LT3681 Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com