Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3485-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3485-1
Description  Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3485-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3485-1 Datasheet HTML 3Page - Linear Technology LT3485-1 Datasheet HTML 4Page - Linear Technology LT3485-1 Datasheet HTML 5Page - Linear Technology LT3485-1 Datasheet HTML 6Page - Linear Technology LT3485-1 Datasheet HTML 7Page - Linear Technology LT3485-1 Datasheet HTML 8Page - Linear Technology LT3485-1 Datasheet HTML 9Page - Linear Technology LT3485-1 Datasheet HTML 10Page - Linear Technology LT3485-1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3485-0/LT3485-1/
LT3485-2/LT3485-3
7
34850123fb
CHARGE (Pin 1): Charge Pin. A low (<0.3V) to high (>1V)
transition on this pin puts the part into power delivery
mode. Once the target voltage is reached, the part will stop
charging the output. Toggle this pin to start charging
again. Bringing the pin low (<0.3V) will terminate the
power delivery and put the part in shutdown.
VBAT (Pin 2): Battery Supply Pin. Must be locally bypassed
with a good quality ceramic capacitor. Battery supply
must be 1.7V or higher.
VIN (Pin 3): Input Supply Pin. Must be locally bypassed
with a good quality ceramic capacitor. Input supply must
be 2.5V or higher.
SW (Pins 4, 5): Switch Pin. This is the collector of the
internal NPN power switch. Minimize the metal trace area
connected to this pin to minimize EMI. Tie one side of the
primary of the transformer to this pin. The target output
voltage is set by the turns ratio of the transformer.
Choose Turns Ratio N by the following equation:
N
VOUT
=
+ 2
31 5
.
where VOUT is the desired output voltage.
IGBTOUT (Pin 6): Output Drive for IGBT Gate. Connect
this pin to the gate of the IGBT.
IGBTIN (Pin 7): Logic Input Pin for IGBT Drive. When this
pin is driven higher than 1.5V, the IGBT output pin goes
high. When the pin is below 0.3V, the output is low.
IGBTPWR (Pin 8): Input Supply Pin. Must be locally
bypassed with a good quality ceramic capacitor. Input
supply must be 0.1V higher than the turn-on voltage for
the IGBT.
DONE (Pin 9): Open NPN Collector Indication Pin. When
target output voltage is reached, NPN turns on. This pin
needs a pull-up resistor or current source.
VMONT (Pin 10): Supplies a voltage proportional to the
output voltage where 1V is the end of charge voltage. Only
valid while the part is charging.
Exposed Pad (Pin 11): Ground. Tie directly to local
ground plane.
PI FU CTIO S


Similar Part No. - LT3485-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-1 LINER-LT3485-1 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
logo
Analog Devices
LT3485-1 AD-LT3485-1 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3485-1 LINER-LT3485-1_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
More results

Similar Description - LT3485-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3485-1 LINER-LT3485-1_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-2 LINER-LT3485-2_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-3 LINER-LT3485-3_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com