Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3481EDD-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT3481EDD-TRPBF
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3481EDD-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT3481EDD-TRPBF Datasheet HTML 1Page - Linear Technology LT3481EDD-TRPBF Datasheet HTML 2Page - Linear Technology LT3481EDD-TRPBF Datasheet HTML 3Page - Linear Technology LT3481EDD-TRPBF Datasheet HTML 4Page - Linear Technology LT3481EDD-TRPBF Datasheet HTML 5Page - Linear Technology LT3481EDD-TRPBF Datasheet HTML 6Page - Linear Technology LT3481EDD-TRPBF Datasheet HTML 7Page - Linear Technology LT3481EDD-TRPBF Datasheet HTML 8Page - Linear Technology LT3481EDD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3481
4
3481fb
DUTY CYCLE (%)
0
40
3481 G08
2.5
20
60
1.5
1.0
4.0
3.5
3.0
2.0
80
100
TEMPERATURE (°C)
–50
350
25
3481 G05
200
100
–25
0
50
50
0
400
300
250
150
75
100
125 150
VIN = 12V
VOUT = 3.3V
CATCH DIODE: DIODES, INC. PDS360
INCREASED SUPPLY
CURRENT DUE TO CATCH
DIODE LEAKAGE AT
HIGH TEMPERATURE
Efficiency (VOUT = 5.0V)
Efficiency (VOUT = 3.3V)
No Load Supply Current
No Load Supply Current
Maximum Load Current
LOAD CURRENT (A)
0.0001
0
40
30
100
0.001
0.01
0.1
1
10
3481 G01
20
10
60
50
90
80
70
VIN = 24V
VIN = 12V
L: NEC PLC-0745-4R7
f: 800kHz
LOAD CURRENT (A)
0.0001
0
40
30
100
0.001
0.01
0.1
1
10
3481 G02
20
10
60
50
90
80
70
VIN = 12V
VIN = 24V
VIN = 7V
L: NEC PLC-0745-4R7
f: 800kHz
INPUT VOLTAGE (V)
0
70
15
3481 G04
40
20
510
20
10
0
80
60
50
30
25
30
35
TA = 25°C
FRONT PAGE APPLICATION
INPUT VOLTAGE (V)
5
15
3481 G07
2.5
10
20
1.5
1.0
4.0
3.5
3.0
2.0
25
30
TYPICAL
MINIMUM
VOUT = 5.0V
TA = 25 °C
L = 4.7μ
f = 800 kHz
Switch Current Limit
INPUT VOLTAGE (V)
5
15
3481 G06
2.5
10
20
1.5
1.0
4.0
3.5
3.0
2.0
25
30
TYPICAL
MINIMUM
VOUT = 3.3V
TA = 25 °C
L = 4.7μ
f = 800 kHz
TEMPERATURE (°C)
–50
2.0
2.5
3.0
125
3481 G09
1.5
1.0
0
0
–25
50
25
100
75
0.5
4.5
4.0
DUTY CYCLE = 10 %
DUTY CYCLE = 90 %
Maximum Load Current
Switch Current Limit
SWITCHING FREQUENCY (MHz)
0
85
1.5
3481 G03
70
60
0.5
1
2
55
50
90
80
75
65
2.5
3
VIN = 12V
VIN = 24V
VOUT = 3.3V
L = 10μH
LOAD = 1A
Efficiency
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT3481EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results

Similar Description - LT3481EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3681 LINER-LT3681_15 Datasheet
378Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3681 LINER-LT3681 Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com