Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3481HMSE Datasheet(PDF) 8 Page - Linear Technology

Part # LT3481HMSE
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3481HMSE Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3481HMSE Datasheet HTML 4Page - Linear Technology LT3481HMSE Datasheet HTML 5Page - Linear Technology LT3481HMSE Datasheet HTML 6Page - Linear Technology LT3481HMSE Datasheet HTML 7Page - Linear Technology LT3481HMSE Datasheet HTML 8Page - Linear Technology LT3481HMSE Datasheet HTML 9Page - Linear Technology LT3481HMSE Datasheet HTML 10Page - Linear Technology LT3481HMSE Datasheet HTML 11Page - Linear Technology LT3481HMSE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3481
8
3481fb
The LT3481 is a constant frequency, current mode step-
down regulator. An oscillator, with frequency set by RT,
enables an RS flip-flop, turning on the internal power
switch. An amplifier and comparator monitor the current
flowing between the VIN and SW pins, turning the switch
off when this current reaches a level determined by the
voltage at VC. An error amplifier measures the output
voltage through an external resistor divider tied to the FB
pin and servos the VC pin. If the error amplifier’s output
increases, more current is delivered to the output; if it
decreases, less current is delivered. An active clamp on the
VC pin provides current limit. The VC pin is also clamped to
the voltage on the RUN/SS pin; soft-start is implemented
by generating a voltage ramp at the RUN/SS pin using an
external resistor and capacitor.
An internal regulator provides power to the control cir-
cuitry. The bias regulator normally draws power from the
VIN pin, but if the BIAS pin is connected to an external
voltage higher than 3V bias power will be drawn from the
external source (typically the regulated output voltage).
This improves efficiency. The RUN/SS pin is used to place
the LT3481 in shutdown, disconnecting the output and
reducing the input current to less than 1μA.
The switch driver operates from either the input or from
the BOOST pin. An external capacitor and diode are used
to generate a voltage at the BOOST pin that is higher than
the input supply. This allows the driver to fully saturate
the internal bipolar NPN power switch for efficient
operation.
To further optimize efficiency, the LT3481 automatically
switches to Burst Mode operation in light load situations.
Between bursts, all circuitry associated with controlling
the output switch is shut down reducing the input supply
current to 50μA in a typical application.
The oscillator reduces the LT3481’s operating frequency
when the voltage at the FB pin is low. This frequency
foldback helps to control the output current during startup
and overload.
The LT3481 contains a power good comparator which trips
when the FB pin is at 91% of its regulated value. The PG
output is an open-collector transistor that is off when the
output is in regulation, allowing an external resistor to pull
the PG pin high. Power good is valid when the LT3481 is
enabled and VIN is above 3.6V.
OPERATION


Similar Part No. - LT3481HMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results

Similar Description - LT3481HMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3681 LINER-LT3681_15 Datasheet
378Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3681 LINER-LT3681 Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com