Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3484-0 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3484-0
Description  Photoflash Capacitor Chargers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3484-0 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3484-0 Datasheet HTML 3Page - Linear Technology LT3484-0 Datasheet HTML 4Page - Linear Technology LT3484-0 Datasheet HTML 5Page - Linear Technology LT3484-0 Datasheet HTML 6Page - Linear Technology LT3484-0 Datasheet HTML 7Page - Linear Technology LT3484-0 Datasheet HTML 8Page - Linear Technology LT3484-0 Datasheet HTML 9Page - Linear Technology LT3484-0 Datasheet HTML 10Page - Linear Technology LT3484-0 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT3484-0/LT3484-1/LT3484-2
7
3484012f
The CHARGE pin gives full control of the part to the user.
The charging can be halted at any time by bringing the
CHARGE pin low. Only when the final output voltage is
reached will the DONE pin go low. Figure 2 shows these
various modes in action. When CHARGE is first brought
high, charging commences. When CHARGE is brought
low during charging, the part goes into shutdown and
VOUT no longer rises. When CHARGE is brought high
again, charging resumes. When the target VOUT voltage is
reached, the DONE pin goes low and charging stops.
Finally the CHARGE pin is brought low again so the part
enters shutdown and the DONE pin goes high. Both VBAT
and VIN have undervoltage lockout (UVLO). When one of
these pins goes below its UVLO voltage, the DONE pin
goes low. With an insufficient bypass capacitor on VBAT or
VIN , the ripple on the pin is likely to activate the UVLO and
terminate the charge. The application diagrams suggest
values adequate for most applications.
OPERATIO
The LT3484-0/LT3484-1/LT3484-2 are designed to charge
photoflash capacitors quickly and efficiently. The opera-
tion of the part can be best understood by referring to
Figure 1. When the CHARGE pin is first driven high, a one
shot sets both SR latches in the correct state. The power
NPN device, Q1, turns on and current begins ramping up
in the primary of transformer T1. Comparator A1 monitors
the switch current and when the peak current reaches 1.4A
(LT3484-0), 1A(LT3484-2) or 0.7A (LT3484-1), Q1 is
turned off. Since T1 is utilized as a flyback transformer, the
flyback pulse on the SW pin will cause the output of A3 to
be high. The voltage on the SW pin needs to be at least
40mV higher than VBAT for this to happen.
During this phase, current is delivered to the photoflash
capacitor via the secondary and diode D1. As the second-
ary current decreases to zero, the SW pin voltage will begin
to collapse. When the SW pin voltage drops to 40mV
above VBAT or lower, the output of A3 (DCM Comparator)
will go low. This fires a one shot which turns Q1 back on.
This cycle will continue to deliver power to the output.
Output voltage detection is accomplished via R2, R1, Q2,
and comparator A2 (VOUT Comparator). Resistors R1 and
R2 are sized so that when the SW voltage is 31.5V above
VIN, the output of A2 goes high which resets the master
latch. This disables Q1 and halts power delivery. NPN
transistor Q3 is turned on pulling the DONE pin low,
indicating that the part has finished charging. Power
delivery can only be restarted by toggling the CHARGE pin.
LT3484-2
VIN = 3.6V
COUT = 50µF
VOUT
100V/DIV
VCHARGE
5V/DIV
VDONE
5V/DIV
1s/DIV
3484 F02
Figure 2. Halting the Charging Cycle with the CHARGE Pin
APPLICATIO S I FOR ATIO
Choosing the Right Device
(LT3484-0/LT3484-1/LT3484-2)
The only difference between the three versions of the
LT3484 is the peak current level. For the fastest possible
charge time, use the LT3484-0. The LT3484-1 has the
lowest peak current capability, and is designed for appli-
cations that need a more limited drain on the batteries. Due
to the lower peak current, the LT3484-1 can use a physi-
cally smaller transformer. The LT3484-2 has a current
limit in between that of the LT3484-0 and the LT3484-1.
Transformer Design
The flyback transformer is a key element for any
LT3484-0/LT3484-1/LT3484-2 design. It must be de-
signed carefully and checked that it does not cause exces-
sive current or voltage on any pin of the part. The main
parameters that need to be designed are shown in Table 1.
The first transformer parameter that needs to be set is the
turns ratio N. The LT3484-0/LT3484-1/LT3484-2 accom-
plish output voltage detection by monitoring the flyback
waveform on the SW pin. When the SW voltage reaches
31.5V higher than the VBAT voltage, the part will halt power
delivery. Thus, the choice of N sets the target output


Similar Part No. - LT3484-0

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3484-0 LINER-LT3484-0 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
logo
Analog Devices
LT3484-0 AD-LT3484-0 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
More results

Similar Description - LT3484-0

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-0 LINER-LT3484-0_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-2 LINER-LT3468-2_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-1 LINER-LT3468-1_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420 Datasheet
368Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com