Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3481IDD Datasheet(PDF) 11 Page - Linear Technology

Part # LT3481IDD
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3481IDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3481IDD Datasheet HTML 7Page - Linear Technology LT3481IDD Datasheet HTML 8Page - Linear Technology LT3481IDD Datasheet HTML 9Page - Linear Technology LT3481IDD Datasheet HTML 10Page - Linear Technology LT3481IDD Datasheet HTML 11Page - Linear Technology LT3481IDD Datasheet HTML 12Page - Linear Technology LT3481IDD Datasheet HTML 13Page - Linear Technology LT3481IDD Datasheet HTML 14Page - Linear Technology LT3481IDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3481
11
3481fb
Of course, such a simple design guide will not always
result in the optimum inductor for your application. A larger
value inductor provides a slightly higher maximum load
current and will reduce the output voltage ripple. If your
load is lower than 2A, then you can decrease the value of
the inductor and operate with higher ripple current. This
allows you to use a physically smaller inductor, or one
with a lower DCR resulting in higher efficiency. There are
several graphs in the Typical Performance Characteristics
section of this data sheet that show the maximum load
current as a function of input voltage and inductor value
for several popular output voltages. Low inductance may
result in discontinuous mode operation, which is okay
but further reduces maximum load current. For details
of maximum output current and discontinuous mode
operation, see Linear Technology Application Note 44.
Finally, for duty cycles greater than 50% (VOUT/VIN >
0.5), there is a minimum inductance required to avoid
subharmonic oscillations. See AN19.
Input Capacitor
Bypass the input of the LT3481 circuit with a ceramic capaci-
tor of X7R or X5R type. Y5V types have poor performance
over temperature and applied voltage, and should not be
used. A 4.7μF to 10μF ceramic capacitor is adequate to
bypass the LT3481 and will easily handle the ripple current.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
Step-down regulators draw current from the input supply
in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage
ripple at the LT3481 and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
A 4.7μF capacitor is capable of this task, but only if it is
placed close to the LT3481 and the catch diode (see the
PCB Layout section). A second precaution regarding the
ceramic input capacitor concerns the maximum input
voltage rating of the LT3481. A ceramic input capacitor
combined with trace or cable inductance forms a high
quality (under damped) tank circuit. If the LT3481 circuit
is plugged into a live supply, the input voltage can ring to
twice its nominal value, possibly exceeding the LT3481’s
voltage rating. This situation is easily avoided (see the Hot
Plugging Safety section).
For space sensitive applications, a 2.2μF ceramic capaci-
tor can be used for local bypassing of the LT3481 input.
However, the lower input capacitance will result in in-
creased input current ripple and input voltage ripple, and
may couple noise into other circuitry. Also, the increased
voltage ripple will raise the minimum operating voltage
of the LT3481 to ~3.7V.
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by the
LT3481 to produce the DC output. In this role it determines
the output ripple, and low impedance at the switching
frequency is important. The second function is to store
energy in order to satisfy transient loads and stabilize the
LT3481’s control loop. Ceramic capacitors have very low
equivalent series resistance (ESR) and provide the best
ripple performance. A good starting value is:
C
Vf
OUT
OUT SW
=
100
where fSW is in MHz, and COUT is the recommended
output capacitance in μF. Use X5R or X7R types. This
choice will provide low output ripple and good transient
response. Transient performance can be improved with
a higher value capacitor if the compensation network is
also adjusted to maintain the loop bandwidth. A lower
value of output capacitor can be used to save space
and cost but transient performance will suffer. See the
Frequency Compensation section to choose an appropriate
compensation network.
APPLICATIONS INFORMATION


Similar Part No. - LT3481IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results

Similar Description - LT3481IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3681 LINER-LT3681_15 Datasheet
378Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3681 LINER-LT3681 Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
   17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com