Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3480EMSE Datasheet(PDF) 5 Page - Linear Technology

Part # LT3480EMSE
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480EMSE Datasheet(HTML) 5 Page - Linear Technology

  LT3480EMSE Datasheet HTML 1Page - Linear Technology LT3480EMSE Datasheet HTML 2Page - Linear Technology LT3480EMSE Datasheet HTML 3Page - Linear Technology LT3480EMSE Datasheet HTML 4Page - Linear Technology LT3480EMSE Datasheet HTML 5Page - Linear Technology LT3480EMSE Datasheet HTML 6Page - Linear Technology LT3480EMSE Datasheet HTML 7Page - Linear Technology LT3480EMSE Datasheet HTML 8Page - Linear Technology LT3480EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3480
5
3480fb
TYPICAL PERFORMANCE CHARACTERISTICS
SWITCH CURRENT (mA)
0
400
500
700
1500
3480 G10
300
200
500
1000
2000
2500
100
0
600
SWITCH CURRENT (mA)
0
10
30
40
50
80
3480 G11
20
60
70
0
1500
500
1000
2000
2500
TEMPERATURE (°C)
800
4380 G12
760
840
780
820
–50
25
–25
0
50
75
100
150
125
TEMPERATURE (°C)
1.00
1.10
4380 G13
0.90
0.80
1.20
0.95
1.05
0.85
1.15
–50
25
–25
0
50
75
100
150
125
FB PIN VOLTAGE (mV)
0
800
1000
1200
600
3480 G14
600
400
200
400
800
500
100
300
700
900
200
0
TEMPERATURE (˚C)
80
100
120
3480 G15
60
40
20
0
140
–50
25
–25
0
50
75
100
150
125
RUN/SS PIN VOLTAGE (V)
0
3.5
1.5
3480 G16
2.0
1.0
0.5
1
2
0.5
0
4.0
3.0
2.5
1.5
2.5
3
3.5
RUN/SS PIN VOLTAGE (V)
0
8
10
12
15
25
3480 G17
6
4
510
20
30
35
2
0
BOOST DIODE CURRENT (A)
0
0.8
1.0
1.2
2.0
3480 G18
0.6
0.4
0
0.5
1.0
1.5
0.2
1.4
Switch Voltage Drop
Boost Pin Current
Feedback Voltage
Switching Frequency
Frequency Foldback
Minimum Switch On-Time
Soft-Start
RUN/SS Pin Current
Boost Diode


Similar Part No. - LT3480EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3480 LINER-LT3480 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3480 LINER-LT3480 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3480 LINER-LT3480 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3480 LINER-LT3480 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3480 LINER-LT3480 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results

Similar Description - LT3480EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3481 LINER-LT3481 Datasheet
299Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com