Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K814P Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. K814P
Description  Optocoupler with Phototransistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K814P Datasheet(HTML) 1 Page - Vishay Siliconix

  K814P Datasheet HTML 1Page - Vishay Siliconix K814P Datasheet HTML 2Page - Vishay Siliconix K814P Datasheet HTML 3Page - Vishay Siliconix K814P Datasheet HTML 4Page - Vishay Siliconix K814P Datasheet HTML 5Page - Vishay Siliconix K814P Datasheet HTML 6Page - Vishay Siliconix K814P Datasheet HTML 7Page - Vishay Siliconix K814P Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 83523
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.0, 09-Jan-08
1
Optocoupler, Phototransistor Output, AC Input
K814P/K824P/K844P
Vishay Semiconductors
DESCRIPTION
The K814P/K824P/K844P consist of a phototransistor
optically coupled to 2 gallium arsenide infrared emitting
diodes (reverse polarity) in 4-pin (single); 8 pin (dual) or
16-pin (quad) plastic dual inline package.
The elements are mounted on one leadframe providing a
fixed distance between input and output for highest safety
requirements.
FEATURES
• Endstackable to 2.54 mm (0.1") spacing
• DC isolation test voltage VISO = 5000 VRMS
• Low coupling capacitance of typical 0.3 pF
• Current transfer ratio (CTR) of typical 100 %
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Feature phones
• Answering machines
• PBX
• Fax machines
AGENCY APPROVALS
• UL1577, file no. E76222 system code U, double protection
• C-UL CSA 22.2, bulletin 5A
C
CE
AC
4PIN
8 PIN
16 PIN
17220_2
1
ORDER INFORMATION
PART
REMARKS
K814P
CTR > 20 %, single channel, DIP-4
K824P
CTR > 20 %, dual channel, DIP-8
K844P
CTR > 20 %, quad channel, DIP-16
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Forward current
IF
± 60
mA
Forward surge current
tP ≤ 10 µs
IFSM
± 1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn