Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3478-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3478-1
Description  4.5A Monolithic LED Drivers with True Color PWM Dimming
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3478-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3478-1 Datasheet HTML 5Page - Linear Technology LT3478-1 Datasheet HTML 6Page - Linear Technology LT3478-1 Datasheet HTML 7Page - Linear Technology LT3478-1 Datasheet HTML 8Page - Linear Technology LT3478-1 Datasheet HTML 9Page - Linear Technology LT3478-1 Datasheet HTML 10Page - Linear Technology LT3478-1 Datasheet HTML 11Page - Linear Technology LT3478-1 Datasheet HTML 12Page - Linear Technology LT3478-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3478/LT3478-1
9
34781f
OPERATIO
The LT3478/LT3478-1 are high powered LED drivers with
a 42V, 4.5A internal switch and the ability to drive LEDs
with up to 1050mA for LT3478-1 and up to 105mV/RSENSE
for LT3478.
The LT3478/LT3478-1 work similarly to a conventional
current mode boost converter but use LED current (instead
of output voltage) as feedback for the control loop. The
Block Diagram in Figure 1 shows the major functions of
the LT3478/LT3478-1.
For the part to turn on, the VIN pin must exceed 2.8V and
the ⎯S⎯H⎯D⎯N pin must exceed 1.4V. The ⎯S⎯H⎯D⎯N pin threshold
allows programming of an undervoltage lockout (UVLO)
threshold for the system input supply using a simple
resistor divider. A 10µA current flows into the ⎯S⎯H⎯D⎯N pin
before part turn on and is removed after part turn on. This
current hysteresis allows programming of hysteresis for
the UVLO threshold. See “Shutdown Pin and Programming
Undervoltage Lockout” in the Applications Information
Section. For micropower shutdown the ⎯S⎯H⎯D⎯N pin at 0V
reduces VIN supply current to approximately 3µA.
Each LED driver is a current mode step-up switch-
ing regulator. A regulation point is achieved when the
boosted output voltage VOUT across the output LED(s) is
high enough to create current in the LED(s) equal to the
programmed LED current. A sense resistor connected in
series with the LED(s) provides feedback of LED current
to the converter loop.
The basic loop uses a pulse from an internal oscillator to set
the RS flip-flop and turn on the internal power NPN switch
Q1 connected between the switch pin, SW, and ground.
Current increases in the external inductor until switch
current limit is exceeded or until the oscillator reaches
its maximum duty cycle. The switch is then turned off,
causing inductor current to lift the SW pin and turn on an
external Schottky diode connected to the output. Inductor
current flows via the Schottky diode charging the output
capacitor. The switch is turned back on at the next reset
cycle of the internal oscillator. During normal operation
the VC voltage controls the peak switch current limit and
hence the inductor current available to the output LED(s).
As with all current mode converters, slope compensation
is added to the control path to ensure stability.
The CTRL1 pin is used to program maximum LED current
via Q2. The CTRL2 pin can be used to program a decrease
in LED current versus temperature for maximum reliability
and utilization of the LED(s). A CTRL2 voltage with negative
temperature coefficient can be created using an external
resistor divider from VREF with temperature dependant
resistance. Unused CTRL2 is tied to VREF.
For True Color PWM dimming, the LT3478/LT3478-1
provide up to a 3000:1 wide PWM dimming range by al-
lowing the duty cycle of the PWM pin (connected to the
IC and an external N-channel MOSFET in series with the
LED(s)) to be reduced from 100% to as low as 0.033%
for a PWM frequency of 100Hz. Dimming by PWM duty
cycle, allows for constant LED color to be maintained over
the entire dimming range.
For robust operation, the LT3478/LT3478-1 monitor system
performance for any of the following faults : VIN or ⎯S⎯H⎯D⎯N
pin voltages too low and/or inductor current too high
and/or boosted output voltage too high. On detection of
any of these faults, the LT3478/LT3478-1 stop switching
immediately and a soft-start latch is set discharging the
SS pin (see Timing Diagram for SS pin in Figure 11). All
faults are detected internally and do not require external
components. When all faults no longer exist, an internal
12µA supply charges the SS pin with a timing programmed
using a single external capacitor. A gradual ramp up of SS
pin voltage limits switch current during startup.
For optimum component sizing, duty cycle range and ef-
ficiency the LT3478/LT3478-1 allow for a separate inductor
supply VS and for switching frequency to be programmed
from 200kHz up to 2.25MHz using a resistor from the RT
pin to ground. The advantages of these options are covered
in the Applications Informations section.


Similar Part No. - LT3478-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478-1 LINER-LT3478-1 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3478-1 LINER-LT3478-1 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3478-1 LINEAR_DIMENSIONS-LT3478-1 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LT3478-1 AD-LT3478-1 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3478-1 AD-LT3478-1 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LT3478-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3478-1 LINER-LT3478-1_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3478 LINER-LT3478_15 Datasheet
293Kb / 24P
   4.5A Monolithic LED Drivers with True Color PWM Dimming
LT3474EFE LINER-LT3474EFE Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
Monolithic Power System...
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
   36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Maxim Integrated Produc...
MAX16815 MAXIM-MAX16815 Datasheet
198Kb / 11P
   High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com