Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CQY36N Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. CQY36N
Description  GaAs Infrared Emitting Diode in Miniature (T-3/4) Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CQY36N Datasheet(HTML) 3 Page - Vishay Siliconix

  CQY36N Datasheet HTML 1Page - Vishay Siliconix CQY36N Datasheet HTML 2Page - Vishay Siliconix CQY36N Datasheet HTML 3Page - Vishay Siliconix CQY36N Datasheet HTML 4Page - Vishay Siliconix CQY36N Datasheet HTML 5Page - Vishay Siliconix CQY36N Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CQY36N
Document Number 81001
Rev. 1.4, 08-Mar-05
Vishay Semiconductors
www.vishay.com
3
Figure 5. Radiant Intensity vs. Forward Current
Figure 6. Radiant Power vs. Forward Current
Figure 7. Rel. Radiant Intensity/Power vs. Ambient Temperature
IF – Forward Current ( mA )
94 7917
103
101
102
104
100
0.1
1
10
100
0.1
1
10
100
1
10
100
1000
13718
IF - Forward Current ( mA )
-10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 7993
IF =20mA
Tamb - Ambient Temperature (
°C)
Figure 8. Relative Radiant Power vs. Wavelength
Figure 9. Relative Radiant Intensity vs. Angular Displacement
900
950
0
0.25
0.5
0.75
1.0
1.25
- Wavelength ( nm )
1000
94 7994
IF = 100 mA
λ
0.4
0.2
0
0.2
0.4
0.6
94 7919
0.6
0.9
0.8
30°
10
°
20
°
40°
50°
60°
70°
80°
0.7
1.0


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn