Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CQY36N Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. CQY36N
Description  GaAs Infrared Emitting Diode in Miniature (T-3/4) Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CQY36N Datasheet(HTML) 2 Page - Vishay Siliconix

  CQY36N Datasheet HTML 1Page - Vishay Siliconix CQY36N Datasheet HTML 2Page - Vishay Siliconix CQY36N Datasheet HTML 3Page - Vishay Siliconix CQY36N Datasheet HTML 4Page - Vishay Siliconix CQY36N Datasheet HTML 5Page - Vishay Siliconix CQY36N Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 81001
Rev. 1.4, 08-Mar-05
CQY36N
Vishay Semiconductors
Optical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Radiant Intensity
IF = 50 mA, tp ≤ 20 ms
Ie
0.7
1.5
7.5
mW/sr
Radiant Power
IF = 50 mA, tp ≤ 20 ms
φ
e
10
mW
Temp. Coefficient of
φ
e
IF = 50 mA
TK
φ
e
- 0.8
%/K
Angle of Half Intensity
ϕ
± 55
deg
Peak Wavelength
IF = 50 mA
λ
p
950
nm
Spectral Bandwidth
IF = 50 mA
∆λ
50
nm
Rise time
IF = 1.5 A, tp/T = 0.01, tp ≤ 10 µstr
400
ns
Fall Time
IF = 1.5 A, tp/T = 0.01, tp ≤ 10 µstf
450
ns
Virtual Source Diameter
1.2
mm
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
0
50
100
150
200
250
94 8029
RthJA
Tamb- Ambient Temperature (
°C)
100
80
60
40
20
0
0
25
50
75
100
125
94 7916
RthJA
Tamb - Ambient Temperature ( °C)
100
80
60
40
20
0
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Relative Forward Voltage vs. Ambient Temperature
94 7996
10 1
10 0
10 2
10 3
10 4
10-1
4
3
2
1
0
VF - Forward Voltage(V)
0.7
0.8
0.9
1.0
1.1
1.2
94 7990
IF =10mA
Tamb - Ambient Temperature (
°C)
100
80
60
40
20
0


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn