Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX55C3V6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. BZX55C3V6
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55C3V6 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX55C3V6 Datasheet HTML 1Page - Vishay Siliconix BZX55C3V6 Datasheet HTML 2Page - Vishay Siliconix BZX55C3V6 Datasheet HTML 3Page - Vishay Siliconix BZX55C3V6 Datasheet HTML 4Page - Vishay Siliconix BZX55C3V6 Datasheet HTML 5Page - Vishay Siliconix BZX55C3V6 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BZX55C...
Vishay Telefunken
Rev. 4, 01-Apr-99
3 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85605
Characteristics (Tj = 25_C unless otherwise specified)
95 9611
0
5
10
15
0
100
200
300
400
500
20
l – Lead Length ( mm )
ll
TL=constant
Figure 1. Thermal Resistance vs. Lead Length
0
40
80
120
160
0
100
300
400
500
600
Tamb – Ambient Temperature ( °C )
200
95 9602
200
Figure 2. Total Power Dissipation vs.
Ambient Temperature
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage ( V )
25
95 9598
IZ=5mA
Tj =25°C
Figure 3. Typical Change of Working Voltage
under Operating Conditions at Tamb=25°C
–60
0
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj – Junction Temperature ( °C )
240
95 9599
VZtn=VZt/VZ(25°C)
TKVZ=10 10–4/K
8
10–4/K
–4
10–4/K
6
10–4/K
4
10–4/K
2
10–4/K
–2
10–4/K
0
Figure 4. Typical Change of Working Voltage vs.
Junction Temperature
010
20
30
–5
0
5
10
15
VZ – Z-Voltage ( V )
50
95 9600
40
IZ=5mA
Figure 5. Temperature Coefficient of Vz vs. Z–Voltage
0
5
10
15
0
50
100
150
200
VZ – Z-Voltage ( V )
25
95 9601
20
Tj =25°C
VR =2V
Figure 6. Diode Capacitance vs. Z–Voltage


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BZT55C Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More TEMIC Semiconductors
BZM55B Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
BZM55C Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
TZMB Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
BZT55C Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
TZMC Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
1N4678 Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
BZX55B Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
TZQ5221B Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
BZX85B Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn