Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX55C3V6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BZX55C3V6
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55C3V6 Datasheet(HTML) 1 Page - Vishay Siliconix

  BZX55C3V6 Datasheet HTML 1Page - Vishay Siliconix BZX55C3V6 Datasheet HTML 2Page - Vishay Siliconix BZX55C3V6 Datasheet HTML 3Page - Vishay Siliconix BZX55C3V6 Datasheet HTML 4Page - Vishay Siliconix BZX55C3V6 Datasheet HTML 5Page - Vishay Siliconix BZX55C3V6 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BZX55C...
Vishay Telefunken
Rev. 4, 01-Apr-99
1 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85605
Silicon Epitaxial Planar Z–Diodes
Features
D Very sharp reverse characteristic
D Low reverse current level
D Very high stability
D Low noise
D Available with tighter tolerances
Applications
Voltage stabilization
94 9367
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
l=4mm, TL=25°C
PV
500
mW
Z–current
IZ
PV/VZ
mA
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=4mm, TL=constant
RthJA
300
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.5
V


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BZT55C Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More TEMIC Semiconductors
BZM55B Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
BZM55C Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
TZMB Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
BZT55C Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
TZMC Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
1N4678 Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
BZX55B Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
TZQ5221B Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
BZX85B Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn