Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF3002 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # UF3002
Description  HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

UF3002 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  UF3002 Datasheet HTML 1Page - HY ELECTRONIC CORP. UF3002 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case: JEDEC DO-27 molded plastic
Polarity: Color band denotes cathode
Weight: 0.04ounces , 1.1grams
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
HER301 HER302 HER303 HER304 HER305 HER306 HER307 HER308
UF3001 UF3002 UF3003 UF3004 UF3005 UF3006 UF3007 UF3008
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA =55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 3.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
CHARACTERISTICS
SYMBOL
UNIT
I(AV)
IFSM
A
1.7
3.0
A
150
1.0
1.3
HIGH EFFICIENCY (ULTRA FAST)
RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 3.0 Amperes
HER30X / UF300X SERIES
-55 to +125
~ 104 ~
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient
NOTES: 1.Measured with IF=0.5A,IR=1A ,IRR=0.25A
-55 to +150
IR
μA
100
5.0
20
50
75
50
30
DIA.
DIA.
DO- 27
210
.375(9.5)
.335(8.5)
.052(1.3)
.048(1.2)
.220(5.6)
.197(5.0)
1.0(25.4)
1.0(25.4)
MIN.
MIN.


Similar Part No. - UF3002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF3002 DIODES-UF3002 Datasheet
62Kb / 2P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. E-2
logo
Nanjing International G...
UF3002 DGNJDZ-UF3002 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Fuji Electric
UF3002 FUJI-UF3002 Datasheet
701Kb / 1P
   3 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
UF3002 DGNJDZ-UF3002 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Diodes Incorporated
UF3002 DIODES-UF3002 Datasheet
409Kb / 3P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. 8 - 2
More results

Similar Description - UF3002

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER201 HY-HER201_17 Datasheet
135Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER301 HY-HER301_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER20X HY-HER20X_V01 Datasheet
413Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
UF2001 HY-UF2001_17 Datasheet
135Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
UF3001 HY-UF3001_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER20X HY-HER20X Datasheet
91Kb / 2P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER30X HY-HER30X_1 Datasheet
91Kb / 2P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER101 HY-HER101_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
UF4001 HY-UF4001_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER10X HY-HER10X_V01 Datasheet
424Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
HER30X HY-HER30X_V01 Datasheet
421Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com