Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. CNY17
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17 Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY17 Datasheet HTML 1Page - Vishay Siliconix CNY17 Datasheet HTML 2Page - Vishay Siliconix CNY17 Datasheet HTML 3Page - Vishay Siliconix CNY17 Datasheet HTML 4Page - Vishay Siliconix CNY17 Datasheet HTML 5Page - Vishay Siliconix CNY17 Datasheet HTML 6Page - Vishay Siliconix CNY17 Datasheet HTML 7Page - Vishay Siliconix CNY17 Datasheet HTML 8Page - Vishay Siliconix CNY17 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CNY17
Document Number 83606
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Figure 3. Current Transfer Ratio vs. Diode Current
Figure 4. Current Transfer Ratio vs. Diode Current
Figure 5. Current Transfer Ratio vs. Diode Current
2
3
4
icny17_03
(TA = –25°C, VCE = 5.0 V)
IC/IF =f(IF)
1
1
2
3
icny17_04
(T A =0 °C, VCE
= 5.0 V)
I C /I F =f(I F )
1
2
3
4
icny17_05
(TA = 25°C, VCE = 5.0 V)
IC/IF =f(IF)
Figure 6. Current Transfer Ratio vs. Diode Current
Figure 7. Current Transfer Ratio vs. Diode Current
Figure 8. Current Transfer Ratio (CTR) vs. Temperature
1
2
3
4
icny17_06
(TA = 50°C, VCE = 5.0 V)
IC/IF =f(IF)
1
2
3
4
icny17_07
(TA = 75°C, VCE = 5.0 V)
4
3
2
1
icny17_08
(IF = 10 mA, VCE = 5.0 V)
IC/IF = f (T)
TA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn