Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. CNY17
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17 Datasheet(HTML) 2 Page - Vishay Siliconix

  CNY17 Datasheet HTML 1Page - Vishay Siliconix CNY17 Datasheet HTML 2Page - Vishay Siliconix CNY17 Datasheet HTML 3Page - Vishay Siliconix CNY17 Datasheet HTML 4Page - Vishay Siliconix CNY17 Datasheet HTML 5Page - Vishay Siliconix CNY17 Datasheet HTML 6Page - Vishay Siliconix CNY17 Datasheet HTML 7Page - Vishay Siliconix CNY17 Datasheet HTML 8Page - Vishay Siliconix CNY17 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83606
Rev. 1.5, 26-Oct-04
CNY17
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6.0
V
Forward current
IF
60
mA
Surge current
t
≤ 10 µs
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter breakdown
voltage
BVCEO
70
V
Emitter-base breakdown
voltage
BVEBO
7.0
V
Collector current
IC
50
mA
t < 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage (between
emitter & detector referred to
climate DIN 50014,
part 2, Nov. 74)
t = 1 sec
VISO
5300
VRMS
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Isolation thickness between
emitter and detector
≥ 0.4
mm
Comparative tracking index per
DIN IEC 112/VDE0303, part 1
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥1 011
Ω
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Soldering temperature
max. 10 s, dip soldering:
distance to seating plane
≥ 1.5 mm
Tsld
260
°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn