Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND820 Datasheet(PDF) 2 Page - Linear Dimensions Semiconductor

Part # LND820
Description  POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND820 Datasheet(HTML) 2 Page - Linear Dimensions Semiconductor

  LND820 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND820 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND820 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND820 Datasheet HTML 4Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Max
Units
ID@Tc=25ºC
Continuous Drain Current,VGS @ 10V
2.5
ID@Tc=100ºC
Continuous Drain Current, VGS @ 10V
1.6
IDM
Pulsed Drain Current(1)
8.0
A
PD @Tc=25ºC
Power Dissipation
50
W
ID@Tc=25ºC
Linear Derating Factor
0.40
W/ºC
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy(2)
210
mJ
IAR
Avalanche Current (1)
2.5
A
EAR
Repetitive Avalanche Energy (1)
5.0
mJ
dv/dt
Peak Diode Recovery dv/dt(3)
3.5
V/ns
TJ
TSTG
Operating Junction and Storage
temperature Range
-55 to +150
Soldering Temperature, for 10
seconds
300
(1.6mm from case)
ºC
Symbol
Parameter
Min
Typ
Max
Units
RoJC
Junction-to-case
-
-
2.5
RoCS
Case-to-Sink, Flat,
Greased Surface
-0.50
-
RoJA
Junction-to-Ambint
-
-
62
ºC/W
ABSOLUTE MAXIMUM RATING
LND820/821/822/823
THERMAL RESISTANCE
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND820

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND8924 LINEAR_DIMENSIONS-LND8924 Datasheet
124Kb / 1P
   DRIVER: 160 Output, 8 Input, Dynamic Drive Ch-LCD Driver
LND8925 LINEAR_DIMENSIONS-LND8925 Datasheet
118Kb / 1P
   60 V Led Driver, 12 Channel, 40mA
More results

Similar Description - LND820

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com