Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND2931-9.0 Datasheet(PDF) 4 Page - Linear Dimensions Semiconductor

Part # LND2931-9.0
Description  100mA Low Dropout Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND2931-9.0 Datasheet(HTML) 4 Page - Linear Dimensions Semiconductor

  LND2931-9.0 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND2931-9.0 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND2931-9.0 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND2931-9.0 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND2931-9.0 Datasheet HTML 5Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Note 1: Output or reference voltage temperature coefficients defined as the worst case voltage change
divided by the total temperature range.
Note 2: Regulations are measured at constant junction temperature, using pulse testing with a low duty
cycle. Changes in output voltage due to heating effects are covered under the specification for thermal
regulation.
Note 3: Line regulation is tested at 150ºC for IL = 1mA, for IL=100µA and TJ =125ºC, line regulation is
guaranteed by design to 0.2%. For LND2931-15 16V<= Vin <=26V.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2%
below its nominal value measured at 1V differential.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is
the sum of the ground pin current and output load current.
Note 6: Thermal regulation is the change in output voltage at a time T after a change in power dissipation,
excluding load or line regulation effects. Specifications are for a 50mA load pulse (1.25W pulse) for
T=10ms.
Note7: Vref Vout (Vin-1V), 2.3VVin 26V, 100µA IL 100mA, TJ Tjmax.
Note 8: Vshutdown
≥ 2V, VIN 26V, Vout =0V.
LND2931
BLOCK DIAGRAM AND TYPICAL APPLICATIONS
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •
5V
L
OUTPUT
+
1.23 V
Reference
-
INPUT
GROUND
Unregulated DC
I
<= 100mA
+
See
Application
Hints
ERROR
AMPLIFIER
+
60k
182k
Figure 1: Fixed Regulator
+
Vout 1.2A->24A
1
Unregulated DC
From
CMOS
or
TTL
3.3
F
SHUTDOWN
ERROR
AMPLIFIER
7
L
60k
8
2,3,6,7
FEEDBACK
+
+
-
INPUT
5
GROUND
OUTPUT
1.23 V
Reference
+
I
<= 100mA
µ
0.01 F
µ
Figure 2:Adjustable Regulator
R2
+
R1


Similar Part No. - LND2931-9.0

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND2907HT LINEAR_DIMENSIONS-LND2907HT Datasheet
100Kb / 1P
   10-Bit Successive Approximation Register Analog-to-
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
LND2951 LINEAR_DIMENSIONS-LND2951 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
LND2951-2.85 LINEAR_DIMENSIONS-LND2951-2.85 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
LND2951-3.0 LINEAR_DIMENSIONS-LND2951-3.0 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
More results

Similar Description - LND2931-9.0

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com