Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND2931-8.0 Datasheet(PDF) 5 Page - Linear Dimensions Semiconductor

Part # LND2931-8.0
Description  100mA Low Dropout Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND2931-8.0 Datasheet(HTML) 5 Page - Linear Dimensions Semiconductor

  LND2931-8.0 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND2931-8.0 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND2931-8.0 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND2931-8.0 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND2931-8.0 Datasheet HTML 5Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LND2931
TYPICAL APPLICATIONS
Wide Input Voltage Range Current Limiter
5V Current Limiter
Latch Off When Error Flag Occurs
Low Drift Current Source
ERROR
7
V
LND2931
+V
3
ERROR
IN
SHUTDOWN
OUT
+V
*Minimum input-output voltage ranges from
40mV to 400mV, depending on load current.
Current limit is typically 160mA.
4
V
5
1
8
FB
OUT
GND
IN
*V
INPUT
IN
OUTPUT
*V
*Minimum input-output voltage ranges from
40mV to 400mV, depending on load current.
Current limit is typically 160mA.
GND
µ
IN
LND2931
V
5V BUS
1 F
OUT
+V
5V
OUT
+
5
8
FB
R1
SD
+V
GND
1 F
OUT
IN
470k
IN
1
V
OUT
R2
ERROR
V
3
µ
LND2931
470k
RESET
+V
4
7
+
µ
R
+V=
SHUTDOWN
I
I
*V
LOAD
4
1%
LND2931
7
L
3
= 1.23/R
OUT
1.2
30V
1
F
SD
1
L
V
IN
OUT
INPUT
V
8
µ
1
F
FB
GND
+
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND2931-8.0

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND2907HT LINEAR_DIMENSIONS-LND2907HT Datasheet
100Kb / 1P
   10-Bit Successive Approximation Register Analog-to-
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
LND2951 LINEAR_DIMENSIONS-LND2951 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
LND2951-2.85 LINEAR_DIMENSIONS-LND2951-2.85 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
LND2951-3.0 LINEAR_DIMENSIONS-LND2951-3.0 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
More results

Similar Description - LND2931-8.0

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com