Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND2951-3.3 Datasheet(PDF) 4 Page - Linear Dimensions Semiconductor

Part # LND2951-3.3
Description  100mA Low Dropout Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND2951-3.3 Datasheet(HTML) 4 Page - Linear Dimensions Semiconductor

  LND2951-3.3 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND2951-3.3 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND2951-3.3 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND2951-3.3 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND2951-3.3 Datasheet HTML 5Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Note 1: Output or reference voltage temperature coefficients is defined as the worst case voltage change divided by
the total temperature range.
Note 2: Unless otherwise specified all limits guaranteed for Tj =25ºC, Vin=Vo +1V,IL=100µAand CL =1µF. Additional
conditions for the 8 pin versions are feedback tied to –XX V tap and output tied to output sense(Vout =XX V) and V
shutdown
≤0.8 V.
Note 3: Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes
in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 4: Line regulation for LND2951-xx is tested at 150ºCfor IL=1mA. For IL =100µA and Tj=125ºC, line regulation is
guaranteed by design to 0.2%. See typical performance characteristics for line regulation verse temperature and load
current.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below its
nominal value measured at 1V differential. At very low values of programmed output voltage, the minimum input
supply voltage of 2V(2.3V over temperature) must be taken into account.
Note 6: Vref
≤Vout ≤(Vin-1V), 2.3V ≤Vin ≤ 30V,100µA≤IL≤ 100mA,TJ ≤TJMAX
Note 7: Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the
total temperature range.
Note 8: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the
nominal reference voltage measured at VO +1V input. To express these thresholds in terms of output voltage change,
multiply by the error amplifier gain =Vout/Vref=(R1+R2)/R2. For example, at a programmed output voltage of 5V, the
error output is guaranteed to go low when the output drops by 95mVx5V/1.235V=384mV. Thresholds remain constant
as a percent of Vout as Vout is varied, with the dropout warning occurring at typically 5% below nominal, 7.5%
guaranteed.
Note 9: Vshutdown
≥ 2V,Vin ≤30V,Vout =0, Feed-back pin tied to –XX V tap.
LND2950 / LND2951
BLOCK DIAGRAM AND TYPICAL APPLICATIONS
APPLICATION HINTS
External Capacitors
A 1.0
µF (or greater ) capacitor is required between the output and the ground for stability at output
voltages of 5V or more. At lower output voltages, more capacitance is required. 2.2
µF or more is
recommended for 3 V and 3.3 V versions.
Programming the Output Voltage
The LND2951 may be pin-strapped for the nominal fixed output voltage. Alternatively it may be
programmed for any output voltage between 1.24 V and 29 V depending upon the requirements.
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •
Vout
See
Application
Hints
OUTPUT
I
<= 100mA
L
GROUND
INPUT
+
-
ERROR
AMPLIFIER
+
+
1.23 V
Reference
Unregulated DC
+
Vout
See
Application
Hints
SENSE
I
<= 100mA
L
GROUND
INPUT
+
-
ERROR
AMPLIFIER
+
FEEDBACK
+
-
60 mV
+
+
1.23 V
Reference
II
Error detection Comparator
OUTPUT
XX VTAP
ERROR
SHUTDOWN
From
CMOS
or
TTL
To
CMOS
or
TTL
Unregulated DC
330k
1
2
6
5
4
8
7
3
60k
+


Similar Part No. - LND2951-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND2907HT LINEAR_DIMENSIONS-LND2907HT Datasheet
100Kb / 1P
   10-Bit Successive Approximation Register Analog-to-
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
LND2931-10 LINEAR_DIMENSIONS-LND2931-10 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
LND2931-12 LINEAR_DIMENSIONS-LND2931-12 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
LND2931-15 LINEAR_DIMENSIONS-LND2931-15 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
More results

Similar Description - LND2951-3.3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
   100mA Low Dropout Voltage Regulators
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
   100mA Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com