Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND3842 Datasheet(PDF) 4 Page - Linear Dimensions Semiconductor

Part # LND3842
Description  Current Mode PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND3842 Datasheet(HTML) 4 Page - Linear Dimensions Semiconductor

  LND3842 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND3842 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND3842 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND3842 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND3842 Datasheet HTML 5Page - Linear Dimensions Semiconductor LND3842 Datasheet HTML 6Page - Linear Dimensions Semiconductor LND3842 Datasheet HTML 7Page - Linear Dimensions Semiconductor LND3842 Datasheet HTML 8Page - Linear Dimensions Semiconductor LND3842 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Note 1: Parameter measured at trip point of latch with Vpin2=0
Note 2: Gain defined as A=
∆Vpin1/=∆Vpin3 : 0≤ Vpin3≤0.8V.
Note 3: These parameters, although guaranteed, are not 100% tested in production.
No
FUNCTION
DESCRIPTION
1
COMP
This pin is the Error Amplifier output and is made for loop compensation
2VFB
This is the inverting input of the Error Amplifier. It is normally connected to
the switching power supply output through a resistor divider.
3ISENSE
A voltage proportional to inductor current is connected to this input. The
PWM uses this information to terminate the output switch conduction.
4RT/CT
The oscillator frequency and maximum Output duty cycle are programmed
by connecting resistor RT to Vref and capacitor CT to ground.
5
GROUND
This pin is the combined control circuitry and power ground
6OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to
1A are sourced and sinked by this pin.
7VCC
This pin is the positive supply of the integrated circuit.
8VREF
This is the reference output. It provides charging current for capacitor CT
through resistor RT.
LND3842/43/44/45
PIN DESCRIPTION
TYPICAL APPLICATIONS
2.5V
1
2
+
-
Figure 1. Error Amp Configuration
1mA
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND3842

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - LND3842

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com