Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LND5201-2.85 Datasheet(PDF) 3 Page - Linear Dimensions Semiconductor

Part # LND5201-2.85
Description  1 A Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND5201-2.85 Datasheet(HTML) 3 Page - Linear Dimensions Semiconductor

  LND5201-2.85 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND5201-2.85 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND5201-2.85 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND5201-2.85 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND5201-2.85 Datasheet HTML 5Page - Linear Dimensions Semiconductor LND5201-2.85 Datasheet HTML 6Page - Linear Dimensions Semiconductor LND5201-2.85 Datasheet HTML 7Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LND5201
PARAMETER
DEVICE
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage
LND5201
VControl=2.75V, VPower = 2V, ILoad=
10mA
VControl =2.7V to 12 V
VPower =3.3V to 5.5V, ILoad =10mA to
1A
*
1.238
1.230
1.250
1.250
1.262
1.270
V
VControl =4V, VPower =2V
VControl =3V, VPower =2.3V, ILoad =0mA
to 1A
*
1.485
1.475
1.500
1.500
1.515
1.525
V
VControl =5V, VPower =3.3V
VControl =4V, VPower =3.3V ILoad =0mA
to 1A
*
2.475
2.460
2.500
2.500
2.525
2.540
V
VControl =5.35V, VPower =3.35V
VControl =4.4V, VPower =3.7V, ILoad
=0mA to 1A
*
2.821
2.805
2.850
2.850
2.879
2.895
V
VControl =5.5V, VPower 3.5V
VControl =4.5V, VPower 3.8V, ILoad =0mA
to 1A
*
2.970
2.950
3.000
3.000
3.030
3.050
V
VControl =5.8V, VPower =3.8V
VControl =4.8V, VPower = 4.1V, ILoad =
0mA to1A
*
3.267
3.247
3.300
3.300
3.333
3.353
V
VControl =6V, VPower =4V
VControl =5V, VPower =4.3V, ILoad =0mA
to 1A
*
3.465
3.445
3.500
3.500
3.535
3.555
V
Output Voltage
LND5201-1.5
LND5201-2.5
LND5201-2.85
LND5201-3.0
LND5201-3.3
LND5201-3.5
LND5201-5.0
VControl =7.5V, VPower =5.5V
VControl =6.5V VPower =5.8V, ILoad =0mA
to 1 A
*
4.950
4.920
5.000
5.000
5.050
5.080
V
Line Regulation
All
ILoad =10mA, (1.5V+Vout)
≤ VControl
≤12V, 0.8V ≤ ( VPower -Vout) ≤ 5.5V
*
0.04
0.20
%
Load Regulation
All
VControl =Vout+2.5V, VPower =Vout +0.8V,
ILoad =10mA to 1A
*
0.08
0.40
%
Minimum Load
Current(Note 2)
LND5201
VControl =5V, VPower =3.3V, VADJ =0V
*
1.7
5
mA
Control Pin Current(Note
3)
All
VControl =Vout+2.5V, VPower =Vout+0.8V,
ILoad =10mA to 1A
*20
mA
Ground Pin Current
LND5201-1.5/-
2.5/-2.85/-3.0/-
3.3/-3.5/-5.0
VControl =Vout+2.5, VPower =Vout+0.8V,
ILoad =10mAto 1A
*5
10
mA
Adjust Pin Current
LND5201
VControl =2.75V, VPower =2.05V
ILoad =10mA
*
50
120
µA
Current Limit
All
(Vin-Vout)=3V
*
1000
1500
mA
Ripple Rejection
All
VControl = VPower =Vout+2.5V,
Vripple=1Vp.p, ILoad =500mA
60
75
dB
Thermal Regulation
LND5201
TA=25ºC,30ms pulse
0.003
%/W
Dropout Voltage
note 4
Control Input
All
VPower =Vout+0.8, ILoad =10mA
VPower = Vout+0.8V ILoad =1A
*
1.00
1.15
1.15
1.30
V
Power Input
(Vpower-Vout)
All
VControl = Vout+2.5V, ILoad =1A
*
0.55
0.70
V
Electrical Characteristics
At I load = 0mA and TJ = + 25
°C unless otherwise specified
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •


Similar Part No. - LND5201-2.85

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND5203 LINEAR_DIMENSIONS-LND5203 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5203-1.5 LINEAR_DIMENSIONS-LND5203-1.5 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5203-2.5 LINEAR_DIMENSIONS-LND5203-2.5 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5203-2.85 LINEAR_DIMENSIONS-LND5203-2.85 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5203-3.0 LINEAR_DIMENSIONS-LND5203-3.0 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
More results

Similar Description - LND5201-2.85

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
Texas Instruments
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
Texas Instruments
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Texas Instruments
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
[Old version datasheet]   TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com