Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

12SQ045 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part No. 12SQ045
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

12SQ045 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
12SQ030 thru 12SQ100
~ 221 ~
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVER CHARACTERISTICS
40
60
80
100
120
140
20
0.1
1.0
1000
10
0.01
0
100
TJ=75
TJ=100
TJ=25
CASE TEMPERATURE ℃
FIG.1-FORWARD CURRENT DERATING CURVE
8.0
2.0
0
10.0
6.0
4.0
12.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
25
50
75
100
125
150
175
200
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXIMUM NON-REPETITVE SURGE
8.3Single Half-Sine-Wave
(JEDEC METOD)
1
2
5
10
20
50
100
0
60
180
240
300
120
360
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE VOLTS
TJ=25℃ ,f=1MHZ
10
100
1000
0.1
1
4
100
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0 1.2
12SQ030 - 12SQ035
12SQ080 - 12SQ100
TJ=25℃
PULSE WIDTH 300US
2%DUTY CYCLE
12SQ050 - 12SQ060
12SQ040 -
12SQ045
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE
1.0
10
100
0.1


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SR15A20F-GSchottky Barrier Rectifiers 1 2 Comchip Technology
GJSBL1030CTSCHOTTKY BARRIER RECTIFIERS 1 2 GTM CORPORATION
MBR1030CT10.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBR3035PT_130.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRF1535CTIsolation 15.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
MBRS2535CT_125 AMPS. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SK12B_11.0 AMP. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SR502_15.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SRAF520Isolated 5.0 AMPS. Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SS12_11.0 AMP. Surface Mount Schottky Barrier Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn