Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYW32 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. BYW32
Description  Fast Silicon Mesa Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW32 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYW32 Datasheet HTML 1Page - Vishay Siliconix BYW32 Datasheet HTML 2Page - Vishay Siliconix BYW32 Datasheet HTML 3Page - Vishay Siliconix BYW32 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYW32...BYW36
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (4)
Document Number 86048
Characteristics (Tj = 25_C unless otherwise specified)
0
0
20
40
60
80
120
l – Lead Length ( mm )
94 9552
510
15
25
30
20
100
ll
TL=constant
Figure 1. Max. Thermal Resistance vs. Lead Length
0
40
80
120
160
0
0.2
0.4
0.6
0.8
1.2
Tamb – Ambient Temperature ( °C )
200
94 9558
1.0
RthJA=100K/W
f
v20kHz
PC Board
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
0
0
0.4
0.8
1.2
1.6
2.0
Tamb – Ambient Temperature ( °C )
94 9559
40
80
120
160
200
f
v20kHz
RthJA=45K/W
l=10mm
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
0
40
80
120
160
0.1
1
10
100
1000
Tj – Junction Temperature ( °C )
200
94 9560
Scattering Limit
VR =VRRM
Figure 4. Reverse Current vs. Junction Temperature
0
0.6
1.2
1.8
2.4
0.01
0.1
1
10
100
VF – Forward Voltage ( V )
3.0
94 9555
Tj =25°C
Tj = 175°C
Figure 5. Max. Forward Current vs. Forward Voltage
0
4
8
12
16
20
0.1
1
10
VR – Reverse Voltage ( V )
100
94 9557
Figure 6. Typ. Diode Capacitance vs. Reverse Voltage


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BYV12 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV27 Ultra Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV28 Ultra Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV37 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT52 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
1N5417 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT53 Very Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT54 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT56 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT77 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn