Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYW32 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BYW32
Description  Fast Silicon Mesa Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW32 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYW32 Datasheet HTML 1Page - Vishay Siliconix BYW32 Datasheet HTML 2Page - Vishay Siliconix BYW32 Datasheet HTML 3Page - Vishay Siliconix BYW32 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYW32...BYW36
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
1 (4)
Document Number 86048
Fast Silicon Mesa Rectifiers
Features
D Glass passivated junction
D Hermetically sealed package
D Low reverse current
D Soft recovery characteristics
Applications
Fast rectifier and switch for example for TV–line output
circuits and switch mode power supply
94 9539
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYW32
VR=VRRM
200
V
g
=Repetitive peak reverse voltage
BYW33
VR=VRRM
300
V
BYW34
VR=VRRM
400
V
BYW35
VR=VRRM
500
V
BYW36
VR=VRRM
600
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
50
A
Repetitive peak forward current
IFRM
12
A
Average forward current
ϕ=180°
IFAV
2
A
Junction and storage temperature range
Tj=Tstg
–55...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=10mm, TL=constant
RthJA
45
K/W
on PC board with spacing 25mm
RthJA
100
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
0.95
1.1
V
Reverse current
VR=VRRM
IR
1
5
mA
VR=VRRM, Tj=150°C
IR
60
150
mA
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
200
ns


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BYV12 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV27 Ultra Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV28 Ultra Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV37 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT52 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
1N5417 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT53 Very Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT54 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT56 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT77 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn