Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BYV98 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BYV98
Description  Very Fast Soft-Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BYV98 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BYV98
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
1 (3)
Document Number 86046
Very Fast Soft–Recovery Rectifiers
Features
D High reverse voltage
D Glass passivated
D Low reverse current
D Low forward voltage drop
D Hermetically sealed axial–leaded
glass envelope
Applications
Switched–mode power supplies
High–frequency inverter circuits
94 9588
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYV98–50
VR=VRRM
50
V
g
=Repetitive peak reverse voltage
BYV98–100
R
RRM
100
V
BYV98–150
150
V
BYV98–200
200
V
Peak forward surge current
tp=10ms, half–sinewave
IFSM
70
A
Average forward current
Tamb = 30°C, l = 10 mm
IFAV
4
A
Junction and storage temperature
range
Tj=Tstg
–55...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
lead length l = 10mm, TL = constant
RthJA
25
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=5A
VF
1.1
V
Reverse current
VR=VRRM
IR
10
mA
VR=VRRM, Tj=150°C
IR
200
mA
Reverse breakdown
IR=100mA
BYV98–50
V(BR)R
60
V
voltage
R
m
BYV98–100
V(BR)R
120
V
BYV98–150
V(BR)R
170
V
BYV98–200
V(BR)R
220
V
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
35
ns


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn