Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV28600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYV28600
Description  Ultra Fast Soft-Recovery Avalanche Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV28600 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYV28600 Datasheet HTML 1Page - Vishay Siliconix BYV28600 Datasheet HTML 2Page - Vishay Siliconix BYV28600 Datasheet HTML 3Page - Vishay Siliconix BYV28600 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BYV28–600
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
3 (4)
Document Number 86043
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
14364
VR =VRRM
half sinewave
RthJAv70K/W
PCB: d=25mm
RthJAv25K/W
l=10mm
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
VF – Forward Voltage ( V )
14363
Tj =25°C
Tj = 175°C
0.01
0.1
1
10
100
0.001
Figure 4. Max. Forward Current vs. Forward Voltage
0
20
40
60
80
100
120
140
160
0.1
1.0
10.0
100.0
VR – Reverse Voltage ( V )
14367
f=1MHz
Figure 5. Typ. Diode Capacitance vs. Reverse Voltage
Dimensions in mm
Cathode Identification
∅ 4.3 max.
∅ 1.35 max.
4.2 max.
Sintered Glass Case
SOD 64
Weight max. 1.0 g
technical drawings
according to DIN
specifications
94 9587
26 min.
26 min.


Similar Part No. - BYV28600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV28 PHILIPS-BYV28 Datasheet
100Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Vishay Siliconix
BYV28 VISHAY-BYV28 Datasheet
43Kb / 4P
   Ultra Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Diodes Incorporated
BYV28 DIODES-BYV28 Datasheet
75Kb / 2P
   3.0A SUPER-FAST GLASS BODY RECTIFIER
DS30033 Rev. A
logo
EIC discrete Semiconduc...
BYV28 EIC-BYV28 Datasheet
74Kb / 2P
   EPITAXIAL AVALANCHE DIODES
Rev. 03 : July 8, 2005
logo
SUNMATE electronic Co.,...
BYV28-100 SUNMATE-BYV28-100 Datasheet
578Kb / 2P
   SUPER FAST RECTIFIER DIODES
More results

Similar Description - BYV28600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27600 VISHAY-BYV27600 Datasheet
42Kb / 4P
   Ultra Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
logo
NXP Semiconductors
BY9200 PHILIPS-BY9200 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYD33D EIC-BYD33D Datasheet
47Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
NXP Semiconductors
BYV4100 PHILIPS-BYV4100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
logo
Shenzhen Ping Sheng Ele...
BYV26 PFS-BYV26 Datasheet
242Kb / 3P
   Very Fast Soft-Recovery Avalanche Rectifier
logo
EIC discrete Semiconduc...
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Vishay Siliconix
BYV26 VISHAY-BYV26 Datasheet
41Kb / 4P
   Very Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com