Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYV28 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BYV28
Description  Ultra Fast Silicon Mesa Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV28 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYV28 Datasheet HTML 1Page - Vishay Siliconix BYV28 Datasheet HTML 2Page - Vishay Siliconix BYV28 Datasheet HTML 3Page - Vishay Siliconix BYV28 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYV28/...
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
1 (4)
Document Number 86044
Ultra Fast Silicon Mesa Rectifiers
Features
D Controlled avalanche characteristic
D Low forward voltage
D Ultra fast recovery time
D Glass passivated junction
D Hermetically sealed package
Applications
Very fast rectifier e.g. for switch mode power supply
94 9588
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Peak reverse voltage,
BYV28/50
VRSM
55
V
g
non repetitive
BYV28/100
VRSM
110
V
BYV28/150
VRSM
165
V
BYV28/200
VRSM
220
V
Reverse voltage
BYV28/50
VR=VRRM
50
V
g
=Repetitive peak reverse voltage
BYV28/100
VR=VRRM
100
V
BYV28/150
VR=VRRM
150
V
BYV28/200
VR=VRRM
200
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
90
A
Repetitive peak forward current
IFRM
25
A
Average forward current
IFAV
3.5
A
Pulse energy in avalanche mode,
non repetitive
(inductive load switch off)
I(BR)R=0.6A, Tj=175°C
ER
20
mJ
Junction and storage
temperature range
Tj=Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=10mm, TL=constant
RthJA
25
K/W
on PC board with spacing 37.5mm
RthJA
70
K/W


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BYV27 Ultra Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV12 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYV37 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT52 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYW32 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
1N5417 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT53 Very Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT54 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT56 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix
BYT77 Fast Silicon Mesa Rectifiers 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn