Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA300-FGB Datasheet(PDF) 76 Page - Actel Corporation

Part # APA300-FGB
Description  ProASIC Flash Family FPGAs
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA300-FGB Datasheet(HTML) 76 Page - Actel Corporation

Back Button APA300-FGB Datasheet HTML 72Page - Actel Corporation APA300-FGB Datasheet HTML 73Page - Actel Corporation APA300-FGB Datasheet HTML 74Page - Actel Corporation APA300-FGB Datasheet HTML 75Page - Actel Corporation APA300-FGB Datasheet HTML 76Page - Actel Corporation APA300-FGB Datasheet HTML 77Page - Actel Corporation APA300-FGB Datasheet HTML 78Page - Actel Corporation APA300-FGB Datasheet HTML 79Page - Actel Corporation APA300-FGB Datasheet HTML 80Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 70
v5.7
Synchronous FIFO Read, Pipeline Mode Outputs (Synchronous Pipelined)
Note: The plot shows the normal operation status.
Figure 1-46 • Synchronous FIFO Read, Pipeline Mode Outputs (Synchronous Pipelined)
Table 1-64 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CCYC
Cycle time
7.5
ns
CMH
Clock high phase
3.0
ns
CML
Clock low phase
3.0
ns
ECBA
New EMPTY access from RCLKS
3.01
ns
FCBA
FULL
↓ access from RCLKS ↓
3.01
ns
ECBH,
FCBH,
THCBH
Old EMPTY, FULL, EQTH, & GETH valid hold
time from RCLKS
1.0
ns
Empty/full/thresh are invalid from the end of
hold until the new access is complete
OCA
New DO access from RCLKS
2.0
ns
OCH
Old DO valid from RCLKS
0.75
ns
RDCH
RDB hold from RCLKS
0.5
ns
RDCS
RDB setup to RCLKS
1.0
ns
RPCA
New RPE access from RCLKS
4.0
ns
RPCH
Old RPE valid from RCLKS
1.0
ns
HCBA
EQTH or GETH access from RCLKS
4.5
ns
Notes:
1. At fast cycles, ECBA and FCBA = MAX (7.5 ns – CMS), 3.0 ns.
2. All –F speed grade devices are 20% slower than the standard numbers.
RCLK
RPE
RDATA
EMPTY
EQTH, GETH
FULL
Old Data Out
New Valid Data Out
RDB
Cycle Start
Old RPE Out
New RPE Out
tECBH, tFCBH
tRDCH
tRDCS
tOCA
tECBA, tFCBA
tTHCBH
tHCBA
tCMH
tCML
tCCYC
tRPCH
tOCH
tRPCA


Similar Part No. - APA300-FGB

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-FG1152ES ACTEL-APA300-FG1152ES Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-FG1152I ACTEL-APA300-FG1152I Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-FG1152PP ACTEL-APA300-FG1152PP Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA300-FG896A ACTEL-APA300-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
APA300-FGG1152ES ACTEL-APA300-FGG1152ES Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
More results

Similar Description - APA300-FGB

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
APA1000-BG456I ACTEL-APA1000-BG456I Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com