Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYV27600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. BYV27600
Description  Ultra Fast Soft-Recovery Avalanche Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BYV27600 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BYV27–600
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
3 (4)
Document Number 86041
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
14359
VR =VRRM
half sinewave
RthJAv100K/W
PCB: d=25mm
RthJAv45K/W
l=10mm
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VF – Forward Voltage ( V )
14358
Tj =25°C
Tj = 175°C
0.01
0.1
1
10
100
0.001
Figure 4. Max. Forward Current vs. Forward Voltage
0
10
20
30
40
50
60
70
0.1
1.0
10.0
100.0
VR – Reverse Voltage ( V )
14362
f=1MHz
Figure 5. Typ. Diode Capacitance vs.
Reverse Voltage
Dimensions in mm
Cathode Identification
∅ 3.6 max.
∅ 0.82 max.
4.2 max.
Sintered Glass Case
SOD 57
Weight max. 0.5 g
technical drawings
according to DIN
specifications
94 9538
26 min.
26 min.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn