Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYV27600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. BYV27600
Description  Ultra Fast Soft-Recovery Avalanche Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BYV27600 Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYV27–600
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (4)
Document Number 86041
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
1.15
V
g
IF=3A
VF
1.35
V
IF=1A, Tj=175°C
VF
0.85
V
IF=3A, Tj=175°C
VF
1.15
V
Reverse current
VR=VRRM
IR
5
mA
VR=VRRM, Tj=150°C
IR
150
mA
Reverse breakdown voltage
IR=100mA
V(BR)R
600
V
Reverse recovery time
IF=0.5A, IR=1A,iR=0.25A
trr
40
ns
Forward recovery
IF=1A
VFP
3.4
V
Forward recovery time
F
tfr
250
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
50
100
150
200
250
300
350
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
14360
160K/W
100K/W
45K/W
RthJA=
VR=80%VRRM
VR=100%VRRM
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
1
10
100
1000
25
50
75
100
125
150
175
1
10
100
1000
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
14361
VR = VRRM
Figure 2. Max. Reverse Current vs.
Junction Temperature


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn