Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BYV26 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BYV26
Description  Very Fast Soft-Recovery Avalanche Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BYV26 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYV26
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
1 (4)
Document Number 86040
Very Fast Soft–Recovery Avalanche Rectifier
Features
D Glass passivated junction
D Hermetically sealed package
D Very low switching losses
D Low reverse current
D High reverse voltage
Applications
Switched mode power supplies
High–frequency inverter circuits
94 9539
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYV26A
VR=VRRM
200
V
g
=Repetitive peak reverse voltage
BYV26B
VR=VRRM
400
V
BYV26C
VR=VRRM
600
V
BYV26D
VR=VRRM
800
V
BYV26E
VR=VRRM
1000
V
Peak forward surge current
tp=10ms, half sinewave
IFSM
30
A
Average forward current
IFAV
1
A
Non repetitive reverse
avalanche energy
I(BR)R=400mA,
inductive load
ER
10
mJ
Junction and storage
temperature range
Tj=Tstg
–55...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=10mm, TL=constant
RthJA
45
K/W


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn